Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5600 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # AS5600
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button AS5600 Datasheet HTML 18Page - OSRAM GmbH AS5600 Datasheet HTML 19Page - OSRAM GmbH AS5600 Datasheet HTML 20Page - OSRAM GmbH AS5600 Datasheet HTML 21Page - OSRAM GmbH AS5600 Datasheet HTML 22Page - OSRAM GmbH AS5600 Datasheet HTML 23Page - OSRAM GmbH AS5600 Datasheet HTML 24Page - OSRAM GmbH AS5600 Datasheet HTML 25Page - OSRAM GmbH AS5600 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ams Datasheet
Page 21
[v1-06] 2018-Jun-20
Document Feedback
AS5600 − Register Description
Burn_Angle Command (ZPOS, MPOS)
The host microcontroller can perform a permanent
programming of ZPOS and MPOS with a BURN_ANGLE
command. To perform a BURN_ANGLE command, write the
value 0x80 into register 0xFF. The BURN_ANGLE command can
be executed up to 3 times. ZMCO shows how many times ZPOS
and MPOS have been permanently written.
This command may only be executed if the presence of the
magnet is detected (MD = 1).
Burn_Setting Command (MANG, CONFIG)
The host microcontroller can perform a permanent writing of
MANG and CONFIG with a BURN_SETTING command. To
perform a BURN_SETTING command, write the value 0x40 into
register 0xFF.
MANG can be written only if ZPOS and MPOS have never been
permanently written (ZMCO = 00). The BURN_ SETTING
command can be performed only one time.
Angle Programming
For applications which do not use the full 0 to 360 degree
angular range, the output resolution can be enhanced by
programming the range which is actually used. In this case, the
full resolution of the output is automatically scaled to the
programmed angular range. The angular range must be greater
than 18 degrees.
The range is specified by programming a start position (ZPOS)
and either a stop position (MPOS) or the size of the angular
range (MANG).
The BURN_ANGLE command can be executed up to 3 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com