Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1 Datasheet(PDF) 9 Page - 4D Systems Pty Ltd

Part # SW1
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW1 Datasheet(HTML) 9 Page - 4D Systems Pty Ltd

Back Button SW1 Datasheet HTML 5Page - 4D Systems Pty Ltd SW1 Datasheet HTML 6Page - 4D Systems Pty Ltd SW1 Datasheet HTML 7Page - 4D Systems Pty Ltd SW1 Datasheet HTML 8Page - 4D Systems Pty Ltd SW1 Datasheet HTML 9Page - 4D Systems Pty Ltd SW1 Datasheet HTML 10Page - 4D Systems Pty Ltd SW1 Datasheet HTML 11Page - 4D Systems Pty Ltd SW1 Datasheet HTML 12Page - 4D Systems Pty Ltd SW1 Datasheet HTML 13Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 9 of 20
www.4dsystems.com.au
7. Hardware Tools
The following hardware tools are required for full
control of the uOLED-160G2 module.
7.1. 4D Programming Cable/Adaptor
The
4D
Programming
Cable
and
uUSB-PA5-II
Programming Adaptor are essential hardware tools to
program,
customise
and
test
the
GOLDELOX
Processor.
Either the 4D Programming Cable or the uUSB-PA5-II
Programming Adaptor can be used
The 4D programming interfaces are used to program a
new Firmware/PmmC, Display Driver and for
downloading compiled 4DGL code into the processor.
They even serve as an interface for communicating
serial data to the PC.
The
4D
Programming
Cable
and
uUSB-PA5-II
Programming Adaptor are available from 4D Systems,
www.4dsystems.com.au
Using a non-4D programming interface could damage
your processor, and void your Warranty.
4D Programming Cable
uUSB-PA5-II Programming Adaptor
8. Software Overview - Language
The heart of the uOLED-160G2 module is the
GOLDELOX graphics processor from 4D Labs. The
GOLDELOX belongs to a family of processors powered
by a highly optimised soft core virtual engine, EVE
(Extensible Virtual Engine).
EVE is a proprietary, high performance virtual machine
with an extensive byte-code instruction set optimised
to execute compiled 4DGL programs. 4DGL (4D
Graphics Language) was specifically developed from
ground up for the EVE engine core. It is a high level
language which is easy to learn and simple to
understand yet powerful enough to tackle many
embedded graphics applications.
4DGL is a graphics oriented language allowing rapid
application development, and the syntax structure
was designed using elements of popular languages
such as C, Basic, Pascal and others.
Programmers familiar with these languages will feel
right at home with 4DGL. It includes many familiar
instructions such as IF..ELSE..ENDIF, WHILE..WEND,
REPEAT..UNTIL, GOSUB..ENDSUB, GOTO, PRINT as
well as some specialised instructions SERIN, SEROUT,
GFX_LINE, GFX_CIRCLE and many more.
For detailed information pertaining to the 4DGL
language, please refer to the following documents:
“4DGL-Programmers-Reference-Manual.pdf”
“GOLDELOX-4DGL-Internal-Functions.pdf”
To assist with the development of 4DGL applications,
the Workshop 4 IDE combines a full-featured editor, a
compiler, a linker and a downloader into a single PC-
based application. It's all you need to code, test and
run your applications.
4DGL is available to be written in two of the three
environments offered by the Workshop 4 IDE,
Designer and ViSi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com