| Electronic Components Datasheet Search |
|
76232103 Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 Datasheet(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 45 page ![]() – 8 – LED Yellow blinks continuously at 3- second intervals. Blue blinks continuously at 0.5- second intervals. Yellow blinks continuously at 0.5- second intervals; Blue is ON (solid). Yellow and Blue blink continu- ously at 1-second intervals. Yellow is OFF; Blue blinks at 0.2-second inter- vals 4 times (repeat). Yellow is OFF; Blue blinks continuously at 0.5- second intervals. Yellow is OFF; Blue blinks continuously at 1- second intervals. Yellow is OFF; Blue blinks at 0.2-second inter- vals 3 times (repeat). 1 2 3 4 5 6 7 Condition The lamp unit door is not seated properly. The lamp is not working properly. The lamp is not working properly after the eighth automatic restart (see item #2). An abnormal temperature increase has occurred. Abnormal operation (including cooling fan stop). Abnormal operation of BUS line. The color wheel has stopped. Solution Turn OFF the TV and unplug the power cord. Review “How to replace the lamp unit” on pages 10–12 to ensure that the lamp door is installed securely. The TV will automatically try to restart itself eight times (see item #3). Turn the TV OFF and then ON again. If the problem persists, replace the lamp unit (see pages 10–12). Turn OFF the TV. Check to make sure all slots and openings in the TV cabinet are not covered, blocked, or dusty. Turn ON the TV again. If the problem persists, contact a Toshiba Authorized Service Center. Turn OFF the TV and unplug the power cord. Plug the power cord in again and turn ON the TV. Turn OFF the TV and unplug the power cord. Plug the power cord in again and turn ON the TV. Turn OFF the TV and unplug the power cord. Plug the power cord in again and turn ON the TV. 9. LED indications The yellow and blue LED lights on the TV (at the bottom cen- ter of the TV) indicate the TV’s status, as described below: ´ Blue ON (solid) and Yellow OFF = The TV power cord is plugged in. ´ Yellow ON (solid) and Blue OFF = A recording is in progress while the TV is OFF. ´ Blue ON (solid) and Yellow ON (solid) = A recording is in progress while the TV is ON. Yellow and/or Blue blinking (see table below). Note: If the TV loses A/C power (e.g., a power outage oc- curs or the power cord is unplugged), when power is restored, the yellow LED will blink while the TV is booting until the remote control is usable. This is normal and is not a sign of malfunction. Blue LED Yellow LED TV front |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |