Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24232103 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # 24232103
Description  COLOR TELEVISION N2PS Chassis
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24232103 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button 24232103 Datasheet HTML 7Page - Toshiba Semiconductor 24232103 Datasheet HTML 8Page - Toshiba Semiconductor 24232103 Datasheet HTML 9Page - Toshiba Semiconductor 24232103 Datasheet HTML 10Page - Toshiba Semiconductor 24232103 Datasheet HTML 11Page - Toshiba Semiconductor 24232103 Datasheet HTML 12Page - Toshiba Semiconductor 24232103 Datasheet HTML 13Page - Toshiba Semiconductor 24232103 Datasheet HTML 14Page - Toshiba Semiconductor 24232103 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
– 11 –
ELECTRICAL ADJUSTMENTS
Vertical retrace line
1. Enter the service mode, then select any register item.
2. Press the TV/VIDEO button on the Remote until the black cross-bar pattern ap-
pears on the screen.
3. Adjust the FOCUS control (on T461) for well defined scanning lines on the picture
screen.
FOCUS VR ADJ
SUB-BRIGHTNESS
(BRTC)
1. Constrict the picture height until the verti-
cal retrace line appears adjusting the item
HIT (HEIGHT).
2. Adjust the CONTRAST control to the mini-
mum.
3. Call up the adjustment mode display, then
select the item BRTC.
4. Press the VOLUME s or t button so the
belt of vertical retrace line just disappear.
5. Adjust the CONTRAST control for the de-
sired contrast.
6. Perform the HEIGHT adjustment.
ITEM
ADJUSTMENT PROCEDURE
SUB-COLOR
(SCOL)
SUB-TINT
(TNTC)
1. Receive color-bar signal from color-bar
generator.
2. Press the RESET button.
3. Connect oscilloscope to TP501 on SIG-
NAL board.
4. Adjust the CONTRAST control to the
minimum.
5. Call up the adjustment mode display,
then select the item TNTC.
6. Adjust the SUB-TINT by pressing the
VOLUME s or t button to obtain a blue
bar to magenta bar ratio of 3:2 as shown.
7. Press the RESET button.
8. Select the item SCOL.
9. Adjust the SUB-COLOR by pressing the VOLUME s or t button to achieve
1.6V0-p of a blue bar on scope.
10. Check the picture with off-air signal.
0
Blue
Magenta
2
3 (1.6V0-P)
WIDTH
(WID)
1. Call up the adjustment mode display, then select the item WID.
2. Press the VOLUME s or t button to get the picture so the left and right edges of
raster begins to lack.
3. Press the VOLUME s or t button to advance the data by 7 steps.
Note : Check the horizontal picture position is correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com