Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210N4LF7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 210N4LF7
Description  Automotive N-channel 40 V, 1.35 m typ., 120 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

210N4LF7 Datasheet(HTML) 5 Page - STMicroelectronics

  210N4LF7 Datasheet HTML 1Page - STMicroelectronics 210N4LF7 Datasheet HTML 2Page - STMicroelectronics 210N4LF7 Datasheet HTML 3Page - STMicroelectronics 210N4LF7 Datasheet HTML 4Page - STMicroelectronics 210N4LF7 Datasheet HTML 5Page - STMicroelectronics 210N4LF7 Datasheet HTML 6Page - STMicroelectronics 210N4LF7 Datasheet HTML 7Page - STMicroelectronics 210N4LF7 Datasheet HTML 8Page - STMicroelectronics 210N4LF7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG021220191018SOA
102
101
100
10-1
100
101
ID
(A)
VDS (V)
Operation in this area is
limited by R DS(on)
T j ≤175 °C
T c = 25°C
single pulse
t p =10 µs
t p =100 µs
t p =1 ms
t p =10 ms
Figure 2. Maximum transient thermal impedance
GADG021220191018ZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
tp (s)
Single pulse
δ = 0.02
δ = 0.01
δ = 0.05
δ = 0.2
δ = 0.5
δ = 0.1
Figure 3. Typical output characteristics
GADG021220191052OCH
150
100
50
0
0
2
4
6
8
ID
(A)
VDS (V)
VGS = 5 to 10 V
VGS = 4 V
VGS = 3 V
Figure 4. Typical transfer characteristics
GADG021220191005TCH
500
400
300
200
100
0
0
1
2
3
4
ID
(A)
VGS (V)
TJ = 175 °C
TJ = -50°C
TJ = 25 °C
Figure 5. Typical gate charge characteristics
GADG021220191059QVG
12
10
8
6
4
2
0
0
20
40
60
VGS
(V)
Qg (nC)
VDS = 20 V
ID = 120 A
Figure 6. Typical drain-source on-resistance
GADG021220191101RID
2
1.8
1.6
1.4
1.2
1
0.8
0
20
40
60
80
100
RDS(on)
(mΩ)
ID (A)
VGS = 4.5 V
VGS = 10 V
STL210N4LF7AG
Electrical characteristics (curves)
DS12887 - Rev 3
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com