Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCT240D Datasheet(PDF) 1 Page - Picker Components

Part # PCT240D
Description  Triac Output Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCT240D Datasheet(HTML) 1 Page - Picker Components

  PCT240D Datasheet HTML 1Page - Picker Components PCT240D Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Triac Output Solid State Relay
FEATURES
Solid Epoxy Body Resistant to the environment
4,000 Volt isolation between input and output
Completely sealed, Immersion cleanable
3 to 32 Volt DC or 90 to Volt AC input
10 to 40 Amp Output
48 to 280, or 48 to 400 VAC Output
PCT
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PCT Rev A 12-6-04
PAGE 1
Zero crossing or Random turn-on switching
2.275
1.775
.900
1.85
SNAP ON
SAFETY COVER
STANDARD
Built in snubber network
Very high surge resistance
Triac AC output
Industry standard "Hockey Puck" design
Dimensions in Inches
LOAD
PCT240DL
1
2
40 AMP 48 to 280 VAC
INPUT
3 TO 32 VDC
4
3
1104
-
+
Built in LED indicator
File # E86876


Similar Part No. - PCT240D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCT2075 NXP-PCT2075 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
PCT2075 NXP-PCT2075 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 9.1 - 21 April 2017
PCT2075 NXP-PCT2075 Datasheet
1Mb / 37P
I2C-bus Fm, 1 C accuracy, digital temperature sensor and thermal watchdog
Rev. 10 - 20 November 2017
PCT2075D NXP-PCT2075D Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
PCT2075D NXP-PCT2075D Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
More results

Similar Description - PCT240D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
Triac Driver Programmable Controllers AC-Output Module Solid State Relay
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Toshiba Semiconductor
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
Hockey Puck Solid State Relay With Snubberless Triac Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com