Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EOC-20HD50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EOC-20HD50
Description  HIGH-POWER CHIPLED - EOC - 20 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EOC-20HD50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EOC-20HD50 Datasheet HTML 1Page - List of Unclassifed Manufacturers EOC-20HD50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Directive characteristic
Size
Soldering patterns
Technology
Tape & Reel
Grouping parameter
ESD resistance voltage
Assembly methods
Soldering methods
Applications
Substition of incandescent lamps
Signal and indicators
Marker lights
Indoor and outdoor displays
Backlighting
Interior and exterior automotive lighting
Special features
The SMT LED elements of the EOC-20 series operate from 50 mA to 200 mA:
For optimal use of the EOC-20 SMT LEDs please ask for our special assistance regarding the
PCB layout to optimise the thermal management.
Please see the fields of application from the ordering code.
With an optimal thermal management power dissipation up to 1500 mW can be realised.
High Power Chipled - EOC - 20 Series
Preliminary Data


Similar Description - EOC-20HD50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
High Performance ChipLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C110 AVAGO-HSMX-C110 Datasheet
420Kb / 11P
High Performance ChipLED
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
High Performance ChipLED
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
High Performance ChipLED
logo
EMP-Centauri s.r.o.
NT13 EMP-CENTAURI-NT13 Datasheet
505Kb / 1P
EoC terminal 1in / 3out
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com