Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NWWSWW3JB10K0 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # NWWSWW3JB10K0
Description  General Purpose and Precision Wirewound Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

NWWSWW3JB10K0 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  NWWSWW3JB10K0 Datasheet HTML 1Page - Stackpole Electronics, Inc. NWWSWW3JB10K0 Datasheet HTML 2Page - Stackpole Electronics, Inc. NWWSWW3JB10K0 Datasheet HTML 3Page - Stackpole Electronics, Inc. NWWSWW3JB10K0 Datasheet HTML 4Page - Stackpole Electronics, Inc. NWWSWW3JB10K0 Datasheet HTML 5Page - Stackpole Electronics, Inc. NWWSWW3JB10K0 Datasheet HTML 6Page - Stackpole Electronics, Inc. NWWSWW3JB10K0 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev Date: 11/29/2021
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW / MWW / NWW / WWS Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Power Derating Curve:
Test
Test Condition
Test Specification
Moisture Resistance
1000 hours, 95% R.H., 40ºC
1% max
Load Life
1000 hours,
cycled power 1.5 hours ON, 0.5 hours OFF, 25ºC
1%
Temperature Cycling
5 cycles, -55ºC to 200°C
0.5%
Short Time Overload
5 times rated power for 5 seconds
1%
Dielectric Withstand Voltage
Resistor leads are grounded and high potential probe is
touched to the resistor body
500V for (N)WW12, 1, 1A and 2S.
1000V for all others
Operating Temperature Range: -55ºC to +350ºC
Mechanical Specifications (cont.)
0.875 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
22.23 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.025 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
26.04 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.225 ± 0.062
0.312 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
31.12 ± 1.57
7.92 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.780 ± 0.062
0.375 ± 0.031
0.040 ± 0.002
1.500 typ.
inches
45.21 ± 1.57
9.53 ± 0.79
1.02 ± 0.05
38.10 typ.
mm
0.385 ± 0.062
0.135 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
9.78 ± 1.57
3.43 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.560 ± 0.062
0.205 ± 0.031
0.032 ± 0.002
1.500 typ.
inches
14.22 ± 1.57
5.21 ± 0.79
0.81 ± 0.05
38.10 typ.
mm
0.925 ± 0.062
0.330 ± 0.031
0.036 ± 0.002
1.500 typ.
inches
23.50 ± 1.57
8.38 ± 0.79
0.91 ± 0.05
38.10 typ.
mm
1.965 ± 0.062
0.480 ± 0.031
0.040 ± 0.002
1.500 typ.
inches
49.91 ± 1.57
12.19 ± 0.79
1.02 ± 0.05
38.10 typ.
mm
(1) See "Resistor Packaging Specification Document" for lead length dimension for tape and reel packaged product.
(2) Lead diameter (C) available in 0.036" / 0.91 mm.
MWW10
WW5, WWS7
WW10
MWW1
MWW3
MWW5
/
/
/
NWW5, NWWS7
NWW10
(2)
Type/Code
WW7 / NWW7
WW7B, WWS10 /
/
/
/
NMWW1
NMWW3
NMWW5
NMWW10
Unit
(Bulk)
(1)
NWW7B, NWWS10
A
B
C
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com