Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCDR1045MT470 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # PCDR1045MT470
Description  SMD Shielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

PCDR1045MT470 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  PCDR1045MT470 Datasheet HTML 1Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 2Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 3Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 4Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 5Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 6Page - Stackpole Electronics, Inc. PCDR1045MT470 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev Date: 08/29/2019
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LDRS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LDRS4949(LP)
Part
Inductance
DCR
Number
µH
(Ω) max.
I sat
I rms
LDRS4949NT6R0-LP
6.0
30%
1KHz, 0.5V
0.0164
3.6
4.9
LDRS4949MT100-LP
10
20%
1KHz, 0.5V
0.0215
3.4
4.3
LDRS4949MT150-LP
15
20%
1KHz, 0.5V
0.0259
2.8
3.9
LDRS4949MT220-LP
22
20%
1KHz, 0.5V
0.0338
2.3
3.4
LDRS4949MT330-LP
33
20%
1KHz, 0.5V
0.0415
1.9
3.1
LDRS4949MT470-LP
47
20%
1KHz, 0.5V
0.0618
1.6
2.5
LDRS4949MT560-LP
56
20%
1KHz, 0.5V
0.075
1.45
2.3
LDRS4949MT680-LP
68
20%
1KHz, 0.5V
0.0832
1.3
2.2
LDRS4949MT101-LP
100
20%
1KHz, 0.5V
0.117
1.1
1.8
LDRS4949MT151-LP
150
20%
1KHz, 0.5V
0.19
0.88
1.4
LDRS4949MT221-LP
220
20%
1KHz, 0.5V
0.27
0.72
1.2
LDRS4949MT331-LP
330
20%
1KHz, 0.5V
0.41
0.59
1
LDRS4949MT471-LP
470
20%
1KHz, 0.5V
0.52
0.49
0.88
LDRS4949MT681-LP
680
20%
1KHz, 0.5V
0.76
0.43
0.73
LDRS4949MT102-LP
1000
20%
1KHz, 0.5V
1.12
0.34
0.6
LDRS4949MT152-LP
1500
20%
1KHz, 0.5V
1.73
0.29
0.48
Tolerance
Test Condition
IDC (A) max.
Electrical Specifications – LDRS4949
Part
Inductance
DCR
Number
µH
(Ω) max.
I sat
I rms
LDRS4949NT2R0
2.0
30%
1KHz, 0.5V
0.0117
10
6.2
LDRS4949NT4R2
4.2
30%
1KHz, 0.5V
0.015
7.3
5.5
LDRS4949MT7R0
7.0
20%
1KHz, 0.5V
0.0177
5.7
5
LDRS4949MT100
10
20%
1KHz, 0.5V
0.0202
5
4.8
LDRS4949MT150
15
20%
1KHz, 0.5V
0.0237
4.2
4.4
LDRS4949MT220
22
20%
1KHz, 0.5V
0.0316
3.5
3.8
LDRS4949MT330
33
20%
1KHz, 0.5V
0.0406
2.8
3.4
LDRS4949MT470
47
20%
1KHz, 0.5V
0.0578
2.4
2.8
LDRS4949MT560
56
20%
1KHz, 0.5V
0.075
2.2
2.5
LDRS4949MT680
68
20%
1KHz, 0.5V
0.0787
2
2.4
LDRS4949MT101
100
20%
1KHz, 0.5V
0.123
1.6
1.9
LDRS4949MT121
120
20%
1KHz, 0.5V
0.185
1.3
1.5
LDRS4949MT151
150
20%
1KHz, 0.5V
0.273
1
1.2
Tolerance
Test Condition
IDC (A) max.
Electrical Specifications – LDRS4040
Part
Inductance
DCR
Number
µH
(Ω) max.
LDRS4040MT270
27
20%
1KHz, 0.5V
0.073
1.7
LDRS4040MT330
33
20%
1KHz, 0.5V
0.082
1.6
LDRS4040MT390
39
20%
1KHz, 0.5V
0.099
1.5
LDRS4040MT470
47
20%
1KHz, 0.5V
0.1
1.4
LDRS4040MT560
56
20%
1KHz, 0.5V
0.11
1.3
LDRS4040MT680
68
20%
1KHz, 0.5V
0.14
1.2
LDRS4040MT820
82
20%
1KHz, 0.5V
0.19
1.1
LDRS4040MT101
100
20%
1KHz, 0.5V
0.2
1
LDRS4040MT121
120
20%
1KHz, 0.5V
0.28
0.8
LDRS4040MT151
150
20%
1KHz, 0.5V
0.35
0.79
LDRS4040MT181
180
20%
1KHz, 0.5V
0.42
0.69
LDRS4040MT221
220
20%
1KHz, 0.5V
0.47
0.65
LDRS4040MT271
270
20%
1KHz, 0.5V
0.62
0.55
LDRS4040MT331
330
20%
1KHz, 0.5V
0.68
0.54
LDRS4040MT391
390
20%
1KHz, 0.5V
0.9
0.49
LDRS4040MT471
470
20%
1KHz, 0.5V
1.03
0.47
LDRS4040MT561
560
20%
1KHz, 0.5V
1.3
0.4
LDRS4040MT681
680
20%
1KHz, 0.5V
1.6
0.38
LDRS4040MT821
820
20%
1KHz, 0.5V
1.8
0.33
LDRS4040MT102
1000
20%
1KHz, 0.5V
2.8
0.32
LDRS4040MT152
1500
20%
1KHz, 0.5V
3.4
0.22
Tolerance
Test Condition
IDC
(A) max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com