Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA8090FG Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA8090FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090FG Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA8090FG Datasheet HTML 24Page - STMicroelectronics STA8090FG Datasheet HTML 25Page - STMicroelectronics STA8090FG Datasheet HTML 26Page - STMicroelectronics STA8090FG Datasheet HTML 27Page - STMicroelectronics STA8090FG Datasheet HTML 28Page - STMicroelectronics STA8090FG Datasheet HTML 29Page - STMicroelectronics STA8090FG Datasheet HTML 30Page - STMicroelectronics STA8090FG Datasheet HTML 31Page - STMicroelectronics STA8090FG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Electrical characteristics
STA8090FG
28/41
DS10719 Rev 6
Table 19 specifies the LDO2 voltage regulator characteristics.
Table 20 specifies the low voltage detection thresholds
Table 21 lists the DC characteristics for all the IO digital buffers expect for the following input
buffers: STBYn (F8), STDBY_OUT (G7), WAKEUP0 (E8), WAKEUP1 (F7), PMU_CFG (G8)
and RSTn (F9).
Table 18. LDO1 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL1
Output voltage (1.2V)
1.6 V ≤ VINL1 ≤ 4.3 V;
IOL1 ≤ 70 mA
1.08
1.20
1.32
V
Output voltage (1.1V)
1.6 V ≤ VINL1 ≤ 4.3 V;
IOL1 ≤ 70 mA
11.10
1.21
V
Output voltage (1.8V)
2.1 V ≤ VINL1 ≤ 4.3 V;
IOL1 ≤ 70 mA
1.71
1.80
1.89
V
IOL1
Output current
0
70
mA
Table 19. LDO2 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL2
Output voltage
1.6 V ≤ VINL2 ≤ 4.3 V;
IOL2 ≤ 30 mA
1.08
1.20
1.32
V
IOL2
Output current
0
30
mA
Table 20. Low voltage detection thresholds
Parameter
Min.
Typ.
Max.
Unit
Input LVD always
on and main VRs(1)
1. Not tested in production.
Upper voltage threshold
1.680
V
Lower voltage threshold
1.650
V
Output LVD always
on VR(1)
Upper voltage threshold
0.995
V
Lower voltage threshold
0.935
V
Output LVD main
VR(1)
Upper voltage threshold @ VOL1/M = 1.2 V
1.142
V
Lower voltage threshold @ VOL1/M = 1.2 V
1.076
V
Upper voltage threshold @ VOL1/M = 1.1 V
1.048
V
Lower voltage threshold @ VOL1/M = 1.1 V
0.986
V
Output LVD main
VR(1)
Upper voltage threshold @ VOL1/M = 1.8 V
1.645
V
Lower voltage threshold @ VOL1/M = 1.8 V
1.626
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com