Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99LD21 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 20Page - STMicroelectronics L99LD21 Datasheet HTML 21Page - STMicroelectronics L99LD21 Datasheet HTML 22Page - STMicroelectronics L99LD21 Datasheet HTML 23Page - STMicroelectronics L99LD21 Datasheet HTML 24Page - STMicroelectronics L99LD21 Datasheet HTML 25Page - STMicroelectronics L99LD21 Datasheet HTML 26Page - STMicroelectronics L99LD21 Datasheet HTML 27Page - STMicroelectronics L99LD21 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Functional description
L99LD21
24/73
DS11130 Rev 5
Limp home characteristics are:
•
Direct Input access enabled
•
Boost active
•
Buck1 according DIN
•
Buck2 OFF
•
SPI active:
–
All SPI write operations must be allowed without any effects on the device
behavior.
When the device leaves this mode, it can enter Standby or Active mode.
If the microcontroller sends to the device the following SPI frames sequence:
•
The first SPI frame sets UNLOCK bit = 1
(see bit <1> on Table 14: CR#1: Control Register 1)
•
The second consecutive SPI frame sets GOSTBY bit = 1 and EN bit = 0
(see bit <3> and bit <2> on Table 15: CR#2: Control Register 2)
The device enters Standby mode.
If the microcontroller sends to the device the sequence of the following SPI frames:
•
The first SPI frame sets UNLOCK bit = 1;
(see bit <1> on Table 14: CR#1: Control Register 1)
•
The second consecutive SPI frame sets GOSTBY bit = 0 and EN bit = 1.
(see bit <3> and bit <2> on Table 15: CR#2: Control Register 2)
The device enters Active mode.
In Limp Home, after setting bit 27 on GSB (FE1, functional error bit), an auto restart procedure
is implemented: every tAUTORESTART, functional error bit eventually set is automatically cleared.
4.1.5
Active mode
The device enters the Active mode if the microcontroller sends the following SPI frames
sequence:
•
In a first SPI frame set the UNLOCK bit to 1
(see bit <1> on Table 14: CR#1: Control Register 1)
•
In a second frame, set EN bit to 1 and GOSTBY bit to “0”
(see bit <2> and bit <3> on Table 15: CR#2: Control Register 2)
Table 3. Operating modes
Operating
mode
Entering conditions
Leaving condition
Characteristics
Standby
mode
– By default, once powered on (VS present);
– SPI active and micro sending following
consecutive frames:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
DIN = High for tWAKEUP
and/or
CSN = Low for tWAKEUP
– V3V3 < VPOR;
–VS and VSPI low
consumption;
– SPI inactive
Pre-standby
mode
– Under the following conditions:
Two following consecutive SPI frames setting:
UNLOCK = 1
(EN,GOSTBY) = (0,1)
CSN High and DIN Low
for a time t > tSTDBY
– V3V3 > VPOR
– Boost disabled
– Bucks disabled
– SPI active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com