Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL-AB-RPI Datasheet(PDF) 9 Page - NimbeLink Corp.

Part # NL-AB-RPI
Description  Skywire ® Raspberry Pi Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIMBELINK [NimbeLink Corp.]
Direct Link  https://nimbelink.com/
Logo NIMBELINK - NimbeLink Corp.

NL-AB-RPI Datasheet(HTML) 9 Page - NimbeLink Corp.

Back Button NL-AB-RPI Datasheet HTML 2Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 3Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 4Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 5Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 6Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 7Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 8Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 9Page - NimbeLink Corp. NL-AB-RPI Datasheet HTML 10Page - NimbeLink Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2.8.1
Skywire Cellular Modem
The hat's Skywire socket allows for the Skywire cellular modem to communicate
with the Raspberry Pi development kit over UART or through a USB connection.
The Skywire’s 20-pin form factor allows for compatibility across all of the Skywire
product line and interchangeability between 2G, 3G, and 4G cellular
technologies.
2.8.2
Grove Connectors
There are two Grove Connectors onboard the adapter that allow users to attach
additional digital Grove sensors. Grove connector J9 connects to GPIO5/GPIO6
to provide two GPIO's and connector J10 connects to the Raspberry Pi's I2C
pins. The adapter's DTO does not load pin configurations for J15 or J16, but
many distributions will automatically configure I2C1 at boot.
NOTE:
​Applications using the Grove connectors on NL-AB-RPI adapter board
with PCB revision 1001430 REV A are affected by
​Errata 1001468​.
2.8.3
EEPROM
The adapter has an onboard EEPROM containing the adapter device tree
overlay(DTO) information that is attached to the ID I2C lines. By default the
EEPROM has write protection enabled to protect the EEPROM from data
corruption, but if users need to modify the EEPROM they can control the WP pin
using GPIO7. The EEPROM is configured by default to use I2C2 address 0x50.
PN 1001465 rev 2
NimbeLink Corp. 2020. All Rights Reserved.
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com