Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNZ109CL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PNZ109CL
Description  Silicon NPN Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNZ109CL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PNZ109CL Datasheet HTML 1Page - Panasonic Semiconductor PNZ109CL Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
20
V
Collector to base voltage
VCBO
30
V
Emitter to collector voltage
VECO
3V
Emitter to base voltage
VEBO
5V
Collector current
IC
20
mA
Collector power dissipation
PC
100
mW
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
PNZ109CL
Silicon NPN Phototransistor
For optical control systems
Features
High sensitivity : ICE(L) = 2 mA (min.) (at L = 500 lx)
Wide directional sensitivity for easy use
Fast response : tr = 5 µs (typ.)
Signal mixing capability using base pin
Small size (low in height) package
Resin to cutoff visible light is used
Phototransistors
50
RL
td : Delay time
tr : Rise time (Time required for the collector photo current to
increase from 10% to 90% of its final value)
tf : Fall time (Time required for the collector photo current to
decrease from 90% to 10% of its initial value)
VCC
Sig.OUT
Sig.IN
(Input pulse)
(Output pulse)
10%
90%
td
tr
tf
2.54
±0.25
1
2
3
3-ø0.45
±0.05
Unit : mm
1: Emitter
2: Base
2: Collector
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ICEO
VCE = 10V
0.05
2
µA
Collector photo current
ICE(L)
VCE = 10V, L = 500 lx*1
2.5
4
mA
Peak sensitivity wave length
λ
P
VCE = 10V
900
nm
Acceptance half angle
θ
Measured from the optical axis to the half power point
80
deg.
Rise time
tr*2
VCC = 10V, ICE(L) = 5mA
5
µs
Fall time
tf*2
RL = 100Ω
6
µs
Collector saturation voltage
VCE(sat)
ICE(L) = 1mA, L = 1000 lx*1
0.3
0.6
V
*1 Measurements were made using a tungsten lamp (color temperature T = 2856K) as a light source.
*2 Switching time measurement circuit


Similar Part No. - PNZ109CL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ109F PANASONIC-PNZ109F Datasheet
46Kb / 2P
Silicon NPN Phototransistor
PNZ109L PANASONIC-PNZ109L Datasheet
46Kb / 2P
Silicon NPN Phototransistor
More results

Similar Description - PNZ109CL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com