Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE7761ARS-REF Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7761ARS-REF
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARS-REF Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7761ARS-REF Datasheet HTML 20Page - Analog Devices ADE7761ARS-REF Datasheet HTML 21Page - Analog Devices ADE7761ARS-REF Datasheet HTML 22Page - Analog Devices ADE7761ARS-REF Datasheet HTML 23Page - Analog Devices ADE7761ARS-REF Datasheet HTML 24Page - Analog Devices ADE7761ARS-REF Datasheet HTML 25Page - Analog Devices ADE7761ARS-REF Datasheet HTML 26Page - Analog Devices ADE7761ARS-REF Datasheet HTML 27Page - Analog Devices ADE7761ARS-REF Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADE7761
Rev. A | Page 26 of 28
DISCLAIMER
The ADE7761 provides pulse outputs—CF, F1, and F2—
intended to be used for the billing of active energy. Pulses are
generated at these outputs in two different situations.
Case 1:
When the analog input V2P – V2N complies with the
conditions described in Figure 32, CF, F1, and F2 frequencies
are proportional to active power and can be used to bill active
energy.
Case 2:
When the analog input V2P – V2N does not comply with
the conditions described in Figure 32, the ADE7761 does not
measure active energy, but a quantity proportional to kAh. This
quantity is used to generate pulses on the same CF, F1, and F2.
This situation is indicated when the FAULT pin is high.
Analog Devices Inc. cautions users of the ADE7761:
•
Billing active energy in Case 1 is consistent with the
understanding of the quantity represented by pulses on
CF, F1, and F2 outputs (watt-hour).
•
Billing active energy while the ADE7761 is in Case 2 must
be decided knowing that the entity measured by the
ADE7761 in this case is ampere-hour and not watt-hour.
Users should be aware of this limitation and decide if the
ADE7761 is appropriate for their application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com