Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPFS250T Datasheet(PDF) 30 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 30 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 26Page - Microchip Technology MPFS250T Datasheet HTML 27Page - Microchip Technology MPFS250T Datasheet HTML 28Page - Microchip Technology MPFS250T Datasheet HTML 29Page - Microchip Technology MPFS250T Datasheet HTML 30Page - Microchip Technology MPFS250T Datasheet HTML 31Page - Microchip Technology MPFS250T Datasheet HTML 32Page - Microchip Technology MPFS250T Datasheet HTML 33Page - Microchip Technology MPFS250T Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
4.3.1.5
Reference Clock
The reference clock pins allow connections directly with the transceiver lane quads. The reference clock inputs
provide flexibility to interface with both single-ended and differential clocks, and can drive up to two independent
clocks per transceiver lane quad. These reference clocks can also be sources for the global and regional clock
networks in the FPGA fabric of the device.
The following illustration shows the connectivity between the reference clock and transceiver lane quads.
Figure 4-3. Reference Clock
CMOS
CMOS
DIFF
DIFF
DIFF
Termination
Termination
SERDES_VREF
SERDES_REFCLK_P
SERDES_REFCLK_N
RefClk
Interface
Refclk0
Refclk1
VDDSREF
VDDSREF
Filter
Filter
Internal
Reference
Voltage
Circuit
4.3.1.6
Quad Lane Overlay Assignments
The transceiver lane either connects the parallel side of the interface to the PCIe Gen2 controller or to the fabric.
The PCIe connections are fixed in the hardware and have a dedicated number of combinations between the two
controllers. The fabric interface is used to support the PMA, 8b/10b, 64b/6xb, and PIPE modes and have complete
flexibility into the fabric connections.
For detailed lane assignments, see UG0920: PolarFire SoC FPGA PCI Express User Guide.
4.3.2
Inputs/Outputs
PolarFire SoC FPGA I/Os are grouped into pairs to meet the differential I/O standards. Additionally, they are grouped
in lanes of 12 buffers with a lane controller for memory interfaces, as shown in the following illustration.
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com