Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCD41-D-R1 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SCD41-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD41-D-R1 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SCD41-D-R1 Datasheet HTML 1Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 2Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 3Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 4Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 5Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 6Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 7Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 8Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
1/22
High accuracy: ±(40 ppm + 5 %)
Digital I2C interface
Integrated temperature and humidity sensor
Low power operation down to < 0.4 mA avg.
@ 5 V, 1 meas. / 5 minutes
SCD4x
Breaking the size barrier in CO2 sensing
Products
Details
SCD40-D-R2 Base accuracy, specified range
400 – 2’000 ppm
SCD41-D-R2 High accuracy, specified range
400 – 5’000 ppm, single shot
mode supported
Full product list on page 21
Functional Block Diagram
Device Overview
Product Summary
The SCD4x is Sensirion’s next generation miniature CO2
sensor. This sensor builds on the photoacoustic sensing
principle and Sensirion’s patented PAsens® and
CMOSens® technology to offer high accuracy at an
unmatched price and smallest form factor. SMD assembly
allows cost- and space-effective integration of the sensor
combined with maximal freedom of design. On-chip signal
compensation is realized with the build-in SHT4x humidity
and temperature sensor.
CO2 is a key indicator for indoor air quality as high levels
compromise humans’ cognitive low power
and well-being. The SCD4x enables smart ventilation
systems to regulate ventilation in the most energy-efficient
and human-friendly way. Moreover, indoor air quality
monitors and other connected devices based on the
SCD4x can help maintaining low CO2 concentration for a
healthy, productive environment.
Features
Photoacoustic sensor technology PASens®
Smallest form factor: 10.1 x 10.1 x 6.5 mm3
Reflow solderable for cost effective assembly
Large output range: 0 ppm – 40’000 ppm
Large supply voltage range: 2.4 – 5.5 V


Similar Part No. - SCD41-D-R1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
logo
Sensirion AG Switzerlan...
SCD42 SENSIRION-SCD42 Datasheet
999Kb / 21P
Breaking the size barrier in CO2 sensing
Version 1 - March 2022
SCD42-D-R2 SENSIRION-SCD42-D-R2 Datasheet
999Kb / 21P
Breaking the size barrier in CO2 sensing
Version 1 - March 2022
logo
Wolfgang Knap
SCD425 WK-SCD425 Datasheet
50Kb / 1P
DC BUCHSE ZENTRALSTIFT 1.30 MM
SCD425ACS000000 WK-SCD425ACS000000 Datasheet
50Kb / 1P
DC BUCHSE ZENTRALSTIFT 1.30 MM
More results

Similar Description - SCD41-D-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
Breaking capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
Sensirion AG Switzerlan...
SCD42 SENSIRION-SCD42 Datasheet
999Kb / 21P
Breaking the size barrier in CO2 sensing
Version 1 - March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com