Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP1012V3-R240-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FP1012V3-R240-R
Description  High frequency, high current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1012V3-R240-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FP1012V3-R240-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 5Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 6Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 7Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 8Page - Eaton All Rights Reserved. FP1012V3-R240-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data 10953
Effective December 2020
Supersedes February 2020
FP1012V
High frequency, high current power inductors
Applications
Multi-phase and Vcore regulators
Voltage regulator modules (VRMs) and high
power density VRMs
Server and desktop
Central processing unit (CPU)
Graphics processing unit (GPU)
Application specific integrated circuit
(ASIC)
Data networking and storage systems
Graphics cards and battery power systems
Point-of-Load modules
Environmental compliance and general
specifications
Storage temperature range (component):
-40 °C to +125 °C
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE
Product features
Vertical design utilizes less board space
High current carrying capacity
Operating frequency up to 3 MHz
Inductance range from 70 nH to 470 nH
Current range 22 A to 190 A
10.0 mm x 6.0 mm footprint surface mount
package in 12 mm height
Moisture sensitivity level (MSL): 1
Ferrite core material
Weight: 3.1 grams typical


Similar Part No. - FP1012V3-R240-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP1012 ETC1-FP1012 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP10120 ETC1-FP10120 Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP10120A ETC1-FP10120A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
FP1012A ETC1-FP1012A Datasheet
390Kb / 10P
SILICON SURGE SUPPRESSOR DIODES
More results

Similar Description - FP1012V3-R240-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com