Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3JB Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # US3JB
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

US3JB Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  US3JB Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. US3JB Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diode.co.kr
1.
FEATURES
MECHANICAL DATA
Ratings at 25oC ambient temperature unless otherwise specified
US3DB US3GB US3JB US3KB US3MB
US3DB US3GB US3JB US3KB US3MB
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard rectified current at
T
L=110
O
C
IF(AV)
A
Peak forw ard surge current 8.3ms single half-
sine-w ave superimposed on rated load(JEDEC
Method)
IFSM
A
Maximum instantaneous forw ard voltage at 3A
VF
V
Maximum DC reverse current
@T
A=25
o
C
at rated DC blockjing voltage
@T
A=100
o
C
Maximum reverse recovery time at I
F=0.5A
I
R=1.0A Irr=0.25A
trr
ns
Typical junction capacitance at 4.0V,1MH
Z
CJ
pF
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
-55--------+150
UNITS
50
100
35
70
50
100
US3AB
70
50.0
-55--------+150
10.0
IR
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm)copper pad area
75
US3AB---US3MB
1111REVERSE VOLTAGE: 50 - 1000 V
FORWARD CURRENT: 3.0 A
Built-in strain relief,ideal for automated placement
Device marking code
Glass passivated chip junctions
Plastic package has Underwriters Laboratories
vvvvvFlammability Classification 94V-0
For surface mount applications
DO-214AB(SMB)
Maximum thermal resistance (NOTE1)
oC/W
US3BB
High temperature soldering:
111 250oC/10 seconds on terminals
US3AB
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
μ
A
Terminals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
50
100.0
50
1.0
1.7
3.0
US3BB
Low forward voltage,low power loss
Low profile package
Easy pick and place
Ultrafast recovery times for high efficiency
Case:JEDEC DO-214AB,molded plastic body over
111 passivated chip
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
inch(mm)
RθJA
25
SAMYANG ELECTRONICS
SAM YANG
ULTRA FAST RECTIFIER


Similar Part No. - US3JB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US3JB PACELEADER-US3JB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US3JB LUGUANG-US3JB Datasheet
173Kb / 2P
Surface Mount Rectifiers
logo
Diode Semiconductor Kor...
US3JB DSK-US3JB Datasheet
108Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SUNMATE electronic Co.,...
US3JB SUNMATE-US3JB Datasheet
397Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
US3JB BILIN-US3JB Datasheet
200Kb / 3P
Surface Mount Rectifiers
More results

Similar Description - US3JB

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com