Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2431..ALV Datasheet(PDF) 14 Page - Texas Instruments

Part # AM2431..ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2431..ALV Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM2431..ALV Datasheet HTML 10Page - Texas Instruments AM2431..ALV Datasheet HTML 11Page - Texas Instruments AM2431..ALV Datasheet HTML 12Page - Texas Instruments AM2431..ALV Datasheet HTML 13Page - Texas Instruments AM2431..ALV Datasheet HTML 14Page - Texas Instruments AM2431..ALV Datasheet HTML 15Page - Texas Instruments AM2431..ALV Datasheet HTML 16Page - Texas Instruments AM2431..ALV Datasheet HTML 17Page - Texas Instruments AM2431..ALV Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 280 page
background image
5.1 Related Products
Sitara™Microcontrollers Our best-in-class Arm®-based 32-bit microcontrollers (MCUs) offer you a scalable
portfolio of high-performance and power-efficient devices to help meet your system needs. Bring capabilities
such as functional safety, power efficiency, real-time control, advanced networking, analytics and security to your
designs.
AM2x Sitara™Microcontrollers TI's family of high-performance microcontrollers provides processor-level
computing combined with the ease of development and real-time precision of an MCU. Our portfolio of
Sitara™AM2x Microcontrollers include benefits such as: Up to 10 times more processing performance; Integrated
high-performance analog, control, signal processing and communications; On-chip functional safety and security
enablers.
AM243x Sitara™Microcontrollers AM243x Sitara™ microcontrollers enable gigabit industrial Ethernet networks,
robust operation with extensive ECC on memories, and enhanced security features.
Sitara™Processor - Applications Sitara™ processors provides a scalable portfolio for a wide range of
applications from HMIs and gateways to more complex equipment such as drives and substation automation
equipment. Sitara processors also offer multi-protocol support for industrial communication protocols such as
EtherCAT®, Ethernet/IP, and Profinet.
Sitara™Processor - Reference designs TI provides many reference designs containing user-friendly ‘building
blocks’ to enable customers to rapidly develop their own unique products and equipments. Evaluation Modules
(EVMs) are also provided to help kick-start product development.
Companion Products for AM243x Review products that are frequently purchased or used in conjunction with
this product to complete your design.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com