Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEE00CC18 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEE00CC18
Description  15 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE00CC18 Datasheet(HTML) 2 Page - Astec America, Inc

  AEE00CC18 Datasheet HTML 1Page - Astec America, Inc AEE00CC18 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
www.astecpower.com
Rev 02 Jan 2006
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Maximum
Model Number
Voltage
Voltage
Voltage
Power
9-36V
3.3V @ 4A
13.2W
AEE04F18
9-36V
5V @ 3A
15W
AEE03A18
9-36V
12V @ 1.25A
15W
AEE01B18
9-36V
15V @ 1A
15W
AEE01C18
9-36V
5V @ 1.5A
-5V @ 1.5A
15W
AEE01AA18
9-36V
12V@ 0.625 A
-12V @ 0.625A
15W
AEE00BB18
9-36V
15V @ 0.5A
-15V @ 0.5A
15W
AEE00CC18
18-75V
3.3V @ 4A
13.2W
AEE04F36
18-75V
5V @ 3A
15W
AEE03A36
18-75V
12V @ 1.25A
15W
AEE01B36
18-75V
15V @ 1A
15W
AEE01C36
18-75V
5V @ 1.5A
-5V @ 1.5A
15W
AEE01AA36
18-75V
12V@ 0.625 A
-12V @ 0.625A
15W
AEE00BB36
18-75V
15V @ 0.5A
-15V @ 0.5A
15W
AEE00CC36
Please contact Astec for information on other output voltages, power ranges and configurations.
Notes:
1. All specifications subject to change
without notice. Mechanical drawings are
for reference only.
2. Warranty: 1 yr
Pin Assignments
ASTEC
10.16
(0.40)
5.08
(0.20)
20.32
(0.80)
50.80
(2.00)
10.16
(0.40)
15.24
(0.60)
+
2.54
(0.10)
15.24
(0.60)
25.40
(1.00)
10.16
(0.40)
Printed Face
10.16
(0.40)
5.08
(0.20)
2.54
(0.10)
11.30
(0.44)
f 1.00
(0.04)
ASTEC
10.16
(0.40)
5.08
(0.20)
20.32
(0.80)
50.80
(2.00)
10.16
(0.40)
15.24
(0.60)
+
2.54
(0.10)
15.24
(0.60)
25.40
(1.00)
10.16
(0.40)
Printed Face
10.16
(0.40)
5.08
(0.20)
11.30
(0.44)
2.54
(0.10)
f 1.00
(0.04)
Single output
Dual output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com