Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20WS-TP Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # BAV20WS-TP
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV20WS-TP Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button BAV20WS-TP Datasheet HTML 16Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 17Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 18Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 19Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 20Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 21Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 22Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 23Page - Infineon Technologies AG BAV20WS-TP Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
User Manual
20 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-IM564
4
Hardware description of EVAL-M3-IM564
To meet individual customer requirements and make the EVAL-M3-IM564 evaluation board a basis for
development or modification, all necessary technical data like schematics, layout and components are
included in this chapter.
4.1
Boost PFC section using CIPOS™ Mini IPM
Figure 10 depicts the schematic from the AC input connector J1 to the rectified DC bus voltage DCBUS. This
circuitry includes a passive EMI filter consisting of elements X2, Y2 capacitors and common mode inductor, a 25
A/1200 V rectifier bridge D1, a fuse F1 for circuit protection, a PTC resistor PTC1, and a relay RY1 for soft
powering up and reducing conduction losses in steady state. The PFC section is implemented using the CIPOSTM
Mini IPM as sketched in Figure 10. The IRS44273L is used to drive MOSFETs for the PFC section.
Figure 10 Schematic for EMI filter and PFC section of the EVAL-M3-IM564 evaluation board
The PFC section of CIPOS™ IPM IM564-X6D/IM564-X6DS contains a CoolMOS™ power MOSFET and a rapid-
switching, emitter-controlled diode. Two electrolytic capacitors CE1 and CE2 are used for buffering the rectified
DC bus voltage DCBUS.
4.1.1
AC voltage sensing and MCEWizard configuration
AC voltage sensing is by default in front of the D1 rectifier bridge, as shown in Figure 10. To drive the boost PFC
circuitry for EVAL-M3-IM564, the default matching MADK control board is EVAL-M3-102T. Figure 11 shows the
VAC sensing schematic of the EVAL-M3-102T evaluation board.
Figure 11 The AC voltage sensing schematic of EVAL-M3-102T
VAC+
VAC-
VAC1
VAC2
20
19
AC Voltage Sensing input1
AC Voltage Sensing input2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com