| Electronic Components Datasheet Search |
|
ADP5589ACPZ-00-R7 Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACPZ-00-R7 Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 52 page ![]() ADP5589 Data Sheet Rev. B | Page 32 of 52 GPI_INT_LEVEL_B Register 0x1F Table 39. GPI_INT_LEVEL_B Bit Descriptions Bits Name R/W Description 7 GPI_16_INT_LEVEL R/W 0 = GPI_16 interrupt is active low. 1 = GPI_16 interrupt is active high. 6 GPI_15_INT_LEVEL R/W 0 = GPI_15 interrupt is active low. 1 = GPI_15 interrupt is active high. 5 GPI_14_INT_LEVEL R/W 0 = GPI_14 interrupt is active low. 1 = GPI_14 interrupt is active high. 4 GPI_13_INT_LEVEL R/W 0 = GPI_13 interrupt is active low. 1 = GPI_13 interrupt is active high. 3 GPI_12_INT_LEVEL R/W 0 = GPI_12 interrupt is active low. 1 = GPI_12 interrupt is active high. 2 GPI_11_INT_LEVEL R/W 0 = GPI_11 interrupt is active low. 1 = GPI_11 interrupt is active high. 1 GPI_10_INT_LEVEL R/W 0 = GPI_10 interrupt is active low. 1 = GPI_10 interrupt is active high. 0 GPI_9_INT_LEVEL R/W 0 = GPI_9 interrupt is active low. 1 = GPI_9 interrupt is active high. GPI_INT_LEVEL_C Register 0x20 Table 40. GPI_INT_LEVEL_C Bit Descriptions Bits Name R/W Description [7: 3] Reserved. 2 GPI_19_INT_LEVEL R/W 0 = GPI_19 interrupt is active low. 1 = GPI_19 interrupt is active high. 1 GPI_18_INT_LEVEL R/W 0 = GPI_18 interrupt is active low. 1 = GPI_18 interrupt is active high. 0 GPI_17_INT_LEVEL R/W 0 = GPI_17 interrupt is active low. 1 = GPI_17 interrupt is active high. GPI_EVENT_EN_A Register 0x21 Table 41. GPI_EVENT_EN_A Bit Descriptions Bits Name R/W Description 7 GPI_8_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 8 activity to generate events on the FIFO. 6 GPI_7_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 7 activity to generate events on the FIFO. 5 GPI_6_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 6 activity to generate events on the FIFO. 4 GPI_5_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 5 activity to generate events on the FIFO. 3 GPI_4_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 4 activity to generate events on the FIFO. 2 GPI_3_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 3 activity to generate events on the FIFO. 1 GPI_2_EVENT_EN R/W 0 =disable GPI events. 1 = allow GPI 2 activity to generate events on the FIFO. 0 GPI_1_EVENT_EN R/W 0 = disable GPI events. 1 = allow GPI 1 activity to generate events on the FIFO. GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode causes EVENT_INT interrupts. GPIs in this mode do not generate GPI_INT interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |