Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5585ACBZ-01-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5585ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-01-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5585ACBZ-01-R7 Datasheet HTML 29Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 30Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 31Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 32Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 33Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 34Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 35Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 36Page - Analog Devices ADP5585ACBZ-01-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 33 of 40
LOGIC_CFG Register 0x34
Table 60. LOGIC_CFG Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
N/A
Reserved.
6
LY_INV
Read/write
0 = LY output not inverted before passing into logic block.
1 = inverts output LY from the logic block.
5
LC_INV
Read/write
0 = LC input not inverted before passing into the logic block.
1 = inverts input LC before passing it into the logic block.
4
LB_INV
R/W
0 = LB input not inverted before passing into the logic block.
1 = inverts input LB before passing it into the logic block.
3
LA_INV
R/W
0 = LA input not inverted before passing into the logic block.
1 = inverts input LA before passing it into the logic block.
2 to 0
LOGIC_SEL[2:0]
R/W
Configures the digital mux for the logic block. Refer to Figure 19.
000 = off/disable.
001 = AND.
010 = OR.
011 = XOR.
100 = FF.
101 = IN_LA.
110 = IN_LB.
111 = IN_LC.
LOGIC_FF_CFG Register 0x35
Table 61. LOGIC_FF_CFG Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 2
N/A
Read/write
Reserved.
1
FF_SET
Read/write
0 = FF not set in the logic block. Refer to Figure 19.
1 = set FF in the logic block.
0
FF_CLR
Read/write
0 = FF not cleared in the logic block. Refer to Figure 19.
1 = clear FF in the logic block.
LOGIC_INT_EVENT_EN Register 0x36
Table 62. LOGIC_INT_EVENT_EN Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 3
N/A
Reserved.
2
LY_DBNC_DIS
Read/write
0 = output of the logic block is debounced before entering the event/interrupt block.
1 = output of the logic block is not debounced before entering the event/interrupt
block. Use with caution because glitches may generate interrupts prematurely.
1
LOGIC_EVENT_EN
Read/write
0 = LY cannot generate interrupt.
1 = allow LY activity to generate events on the FIFO.
0
LOGIC_INT_LEVEL
Read/write
Configure the logic level of LY that generates an interrupt.
0 = LY is active low.
1 = LY is active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com