| Electronic Components Datasheet Search |
|
USB5742B Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5742B Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 48 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00002016H-page 13 USB5742B Note 3: Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as con- figurations traps must be augmented with an external resistor when connected to a load. Refer to Section 3.4, "Configuration Straps and Programmable Functions" for additional information. TABLE 3-6: SPI/SMBUS PIN DESCRIPTIONS Num Pins Symbol Buffer Type Description 1 SPI_CE_N O12 Active low SPI chip enable output. GPIO7 I/O12 General purpose input/output 7. CFG_NON_REM I Non-Removable Port Configuration Strap. This configuration strap is used to configure the number of non- removable ports. Refer to Section 3.4.3, "Non-Removable Port Con- figuration (CFG_NON_REM)" for more information. See Note 3. 1 SPI_CLK O6 SPI clock output to the serial ROM, when configured for SPI opera- tion. SMCLK OD12 SMBus clock pin, when configured for SMBus slave operation. GPIO4 I/O6 General purpose input/output 4. 1 SPI_DO O6 SPI data output, when configured for SPI operation. SMDAT I/O12 SMBus data pin, when configured for SMBus slave operation. GPIO5 I/O6 General purpose input/output 5. 1 SPI_DI IS SPI data input, when configured for SPI operation. GPIO9 I/O12 General purpose input/output 9. CFG_BC_EN I Battery Charging Configuration Strap. This configuration strap is used to enable battery charging. Refer to Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)" for more information. See Note 3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |