| Electronic Components Datasheet Search |
|
USB2513 Datasheet(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2513 Datasheet(HTML) 33 Page - Microchip Technology |
|
33 / 57 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00001692D-page 33 USB251xB/xBi 5.2.4 IN-CIRCUIT EEPROM PROGRAMMING The EEPROM can be programmed via automatic test equipment (ATE) by pulling RESET_N low (which tri-states the hub’s EEPROM interface and allows an external source to program the EEPROM). 5.3 SMBus The Microchip hub can be configured by an external processor via an SMBus interface (see Table 5-1 for details on enabling the SMBus interface). The SMBus interface shares the same pins as the EEPROM interface, and therefore the hub no longer supports the I2C EEPROM interface when the SMBus interface has been enabled. The hub waits indefinitely for the SMBus code load to complete and only appears as a newly connected device on USB after the code load is complete. The hub’s SMBus acts as a slave-only SMBus device. The implementation only supports block write (Section 5.3.2.1) and block read (Section 5.3.2.2) protocols, where the available registers are outlined in Section 5.1 on page 19. Refer- ence the System Management Bus Specification [3] for additional information. 5.3.1 SMBUS SLAVE ADDRESS The 7-bit slave address is 0101100b. The hub will not respond to the general call address of 0000000b. 5.3.2 PROTOCOL IMPLEMENTATION Typical block write and block read protocols are shown in figures 5-2 and 5-3. Register accesses are performed using 7-bit slave addressing, an 8-bit register address field, and an 8-bit data field. The shading shown in the figures during a read or write indicates the hub is driving data on the SMBDATA line; otherwise, host data is on the SDA/SMBDATA line. The SMBus slave address assigned to the hub (0101100b) allows it to be identified on the SMBus. The register address field is the internal address of the register to be accessed. The register data field is the data that the host is attempting to write to the register or the contents of the register that the host is attempting to read. Note: The Hub does not have the capacity to write, or “Program,” an external EEPROM. The Hub only has the capability to read external EEPROMs. The external EEPROM will be read (even if it is blank or non-popu- lated), and the Hub will be “configured” with the values that are read. Note: Data bytes are transferred MSB first. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |