Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU118 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU118
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU118 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU118 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU118 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BU118
DESCRIPTION
·
Excellent Safe Operating Area
VCE:200V
ICM:7A
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for general-purpose switching and amplifier
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.08
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
200
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
7
A
IB
Base Current-Continuous
4
A
PC
Collector Power Dissipation@TC=25℃
60
W
TJ, Tstg
Operating and Storage Junction
Temperature Range
-65~+150
℃


Similar Part No. - BU118

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU111 ISC-BU111 Datasheet
70Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BU111 NJSEMI-BU111 Datasheet
125Kb / 2P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
BU112 ISC-BU112 Datasheet
212Kb / 2P
isc Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU112 NJSEMI-BU112 Datasheet
126Kb / 2P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU113 ISC-BU113 Datasheet
213Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BU118

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com