Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC401A/B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC401A/B
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401A/B Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC401A/B Datasheet HTML 1Page - Vishay Siliconix SIC401A/B Datasheet HTML 2Page - Vishay Siliconix SIC401A/B Datasheet HTML 3Page - Vishay Siliconix SIC401A/B Datasheet HTML 4Page - Vishay Siliconix SIC401A/B Datasheet HTML 5Page - Vishay Siliconix SIC401A/B Datasheet HTML 6Page - Vishay Siliconix SIC401A/B Datasheet HTML 7Page - Vishay Siliconix SIC401A/B Datasheet HTML 8Page - Vishay Siliconix SIC401A/B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
microBUCK® PRODUCT FAMILY
microBUCK® PRODUCT FAMILY
SiC401 A/B SiC402 A/B SiC403 A/B
SiC413
SiC414/424
SiP12107
SiP12108
SiP12109
SiP12110
Package
MLPQ55-32L
SO-8
MLPQ44-28
Package
MLP33-16L
Package Size
5 x 5 x 0.9 (mm)
6.2 x 5 x 0.9 (mm)
4 x4 x 0.9 (mm)
Package Size
3 x 3 x 0.9 (mm)
VIN
3 V to 17 V
3 V to 28 V
3 V to 28 V
4.75 V to 26 V
3 V to 28 V
VIN
2.8 V to 5.5 V
4.5 V to 16 V
VOUT
0.6 V to 5.5 V
0.6 V to 13.2 V
0.75 V to 5.25 V
VOUT
0.6 V to 4.6 V
0.6 V to 5.5 V
0.6 V to 5.5 V
Operating Frequency
200 kHz to 1 MHz
500 kHz
200 kHz to 1 MHz
Operating Frequency
200 kHz to 4 MHz
200 kHz to 4 MHz
400 kHz to 1.5 MHz 400 kHz to 1.5 MHz
IOUT
15 A
10 A
6 A
4 A
6 A
IOUT
3 A
6 A
4 A
6 A
Power save mode
Power save mode
Peak efficiency
95 %
95 %
95 %
93 %
95 %
Peak efficiency
95 %
95 %
95 %
95 %
Power good
Power good
Under voltage lockout
Under voltage lockout
Output over-voltage
protection
Output over-voltage
protection
Output over-current
protection
Output over-current
protection
Short circuit protection
Short circuit protection
Over temperature protection
Over temperature protection
Soft-start and
soft-shutdown
Programmable
Internal
Internal
Soft-start and
soft-shutdown
Internal
Integrated configurable
LDO with bypass logic
Ouptput ceramic capacitor
(no ESR requirement)
Ouptput ceramic capacitor
(no ESR requirement)
Pseudo-fixed frequency
adaptive on-time control
Pseudo-fixed frequency
adaptive on-time control
1 % internal reference
voltage
1 % internal reference
voltage
Integrated bootstrap diode
Integrated bootstrap diode
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
2/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com