Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S60C Datasheet(PDF) 6 Page - CUI INC

Part # VOF-S60C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S60C Datasheet(HTML) 6 Page - CUI INC

  VOF-S60C Datasheet HTML 1Page - CUI INC VOF-S60C Datasheet HTML 2Page - CUI INC VOF-S60C Datasheet HTML 3Page - CUI INC VOF-S60C Datasheet HTML 4Page - CUI INC VOF-S60C Datasheet HTML 5Page - CUI INC VOF-S60C Datasheet HTML 6Page - CUI INC VOF-S60C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 05/13/2021
│ page 6 of 7
CUI Inc
│ SERIES: VOF-S60C │ DESCRIPTION: AC-DC POWER SUPPLY
INSTALLATION INSTRUCTIONS
The VOF-S60C has four 3.2 mm diameter mounting holes; one in each corner. Use 8 mm tall spacers (6 mm outside
diameter max) to mount the unit, which will maintain the isolation and vibration specifications. A minimum of 4 mm
clearance is required for all four sides of the unit and a minimum of 5 mm clearance is required above the top surface of
the unit.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com