Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-180C Datasheet(PDF) 5 Page - CUI INC

Part # VOF-180C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-180C Datasheet(HTML) 5 Page - CUI INC

  VOF-180C Datasheet HTML 1Page - CUI INC VOF-180C Datasheet HTML 2Page - CUI INC VOF-180C Datasheet HTML 3Page - CUI INC VOF-180C Datasheet HTML 4Page - CUI INC VOF-180C Datasheet HTML 5Page - CUI INC VOF-180C Datasheet HTML 6Page - CUI INC VOF-180C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 03/02/2022
│ page 5 of 7
CUI Inc
│ SERIES: VOF-180C │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
open frame models: 101.6 × 50.8 × 25.4 [4.0 x 2.0 x 1.0 inch]
covered models: 103.4 × 62.0 × 37.0 [4.070 x 2.440 x 1.456 inch]
mm
mm
weight
open frame models
covered models
175
260
g
g
cooling
natural convection (no integrated fan)
MECHANICAL DRAWING
Open-frame
units: mm [inch]
general tolerance: ±1.00 [±0.039]
Position
Screw Spec.
L
(recommended)
Torque
1 ~ 4
M3
6mm
0.4 N·m
Note: 1. Class I system 1, 3 positions must be connected to the protective earth ground (
).
2. Class II system 1, 3 positions must be connected together.
3. It is recommended that a minimum distance of 10mm be placed between the PCB
edge and all other components.
PIN-OUT
PIN
Function
Product
Connector
Customer Connector
1
AC (N)/DC-
JST B3P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
2
NC
3
AC (L)/DC+
4
Fan-
JST B2B-PH-K-S
or equivalent
Housing: JST PHR-2
Contact: JST SPH-002T-P0.5S
or equivalent
5
Fan+
6,7,8
-Vo
JST B6P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
9,10,11
+Vo
Additional Resources:
Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com