Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-550C Datasheet(PDF) 4 Page - CUI INC

Part # VOF-550C
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-550C Datasheet(HTML) 4 Page - CUI INC

  VOF-550C Datasheet HTML 1Page - CUI INC VOF-550C Datasheet HTML 2Page - CUI INC VOF-550C Datasheet HTML 3Page - CUI INC VOF-550C Datasheet HTML 4Page - CUI INC VOF-550C Datasheet HTML 5Page - CUI INC VOF-550C Datasheet HTML 6Page - CUI INC VOF-550C Datasheet HTML 7Page - CUI INC VOF-550C Datasheet HTML 8Page - CUI INC VOF-550C Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 12/21/2021
│ page 4 of 10
CUI Inc
│ SERIES: VOF-550C │ DESCRIPTION: AC-DC POWER SUPPLY
DERATING CURVES
Note: With an AC input voltage between 90 ~ 115 Vac and a DC input between 127 ~ 160 Vdc the output power must be derated as per the temperature derating curves.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com