Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-350C Datasheet(PDF) 5 Page - CUI INC

Part # VOF-350C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-350C Datasheet(HTML) 5 Page - CUI INC

  VOF-350C Datasheet HTML 1Page - CUI INC VOF-350C Datasheet HTML 2Page - CUI INC VOF-350C Datasheet HTML 3Page - CUI INC VOF-350C Datasheet HTML 4Page - CUI INC VOF-350C Datasheet HTML 5Page - CUI INC VOF-350C Datasheet HTML 6Page - CUI INC VOF-350C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 01/27/2022
│ page 5 of 7
CUI Inc
│ SERIES: VOF-350C │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
open frame models: 127 × 76.2 × 25.4 [5.0 x 3.0 x 1.0 inch]
covered models: 130.0 × 86.0 × 35.0 [5.118 x 3.385 x 1.377 inch]
mm
mm
weight
open frame models
covered models
295
430
g
g
cooling
natural convection (no integrated fan)
MECHANICAL DRAWING
Open-frame
units: mm [inch]
general tolerance: ±1.00 [±0.039]
PIN-OUT
PIN
Function
Product
Connector
Customer Connector
1
AC (N)
JST B5P-VH
or equivalent
Housing: JST VHR
Contact: JST SVH-21T-P1.1
or equivalent
2
NC
3
AC (L)
4
NC
5
GND
6
FAN-
KANGDAO
2.5XHS-2A
or equivalent
Housing: KANGDAO 2.5XHS-2Y
Contact: KANGDAO 2.5XH-TE
or equivalent
7
FAN+
8
-Vo
9
+Vo
Position
Screw Spec.
L
(recommended)
Torque
1 ~ 4
M3
6mm
0.4 N·m
Note: 1. Class I system 1, 2, 4 positions must be connected to the protective earth ground (
).
2. Class II system 1, 2, 4 positions must be connected together.
3. It is recommended that a minimum distance of 10mm be placed between the PCB edge
and all other components.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com