Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPA-LM-R18-Q6 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VRPA-LM-R18-Q6
Description  Pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VRPA-LM-R18-Q6 Datasheet(HTML) 1 Page - Festo Corporation.

  VRPA-LM-R18-Q6 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure regulator
VRPA-LM-R18-Q6
Part number: 8086010
Data sheet
Feature
Value
Controller function
Outlet pressure constant
With secondary exhausting
With return flow function
Pneumatic connection 1
R1/8
Pneumatic connection 2
QS-6
Type of mounting
Screw-in
Standard nominal flow rate
100 l/min
Ambient temperature
0 °C ... 60 °C
Housing material
PBT
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Mounting position
Any
Actuation type
Manual
Type of seal on screwed trunnion
Coating
Adjusting element
Rotary knob with detent
Symbol
00991558
Rotatability
360 deg/continuous swiveling not permissible
Pressure gauge
with pressure gauge
Pressure regulation range
1 bar ... 8 bar
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Product weight
29 g
Material of screwed trunnion
Brass, nickel-plated
Note on materials
RoHS-compliant
Material of threaded seal
PTFE
Static seal material
NBR
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VRPA-LM-R18-Q6

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VRPA-LM-R18-Q4 FESTO-VRPA-LM-R18-Q4 Datasheet
86Kb / 1P
Pressure regulator
4/15/22
VRPA-LM-R18-Q8 FESTO-VRPA-LM-R18-Q8 Datasheet
86Kb / 1P
Pressure regulator
4/15/22
More results

Similar Description - VRPA-LM-R18-Q6

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
Pressure regulator
3/17/22
530320 FESTO-530320 Datasheet
93Kb / 1P
Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
Pressure regulator
3/16/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
Pressure regulator
4/15/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com