Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZK-2-R-M5 Datasheet(PDF) 1 Page - Festo Corporation.

Part # ZK-2-R-M5
Description  AND module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

ZK-2-R-M5 Datasheet(HTML) 1 Page - Festo Corporation.

  ZK-2-R-M5 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AND module
ZK-2-R-M5
Part number: 7421
Data sheet
Feature
Value
Valve function
AND function
Pneumatic connection 1
PK-4
Pneumatic connection 2
PK-4
Type of mounting
With through-hole
Operating pressure
0.001 bar ... 6 bar
Symbol
00991461
Pneumatic connection 3
PK-4
4/15/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - ZK-2-R-M5

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ZK-1/8-B FESTO-ZK-1/8-B Datasheet
87Kb / 1P
AND gate
4/15/22
logo
Panasonic Semiconductor
ZK-A PANASONIC-ZK-A Datasheet
562Kb / 9P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
logo
ZKTECO CO., LTD. All ri...
ZK-D2110 ZKTECO-ZK-D2110 Datasheet
18Mb / 3P
A Multi Zones Walk Through Metal Detector Enhanced Security With High Sensitivity
V1.1 03/25/2024
logo
3PEAK INC.
ZK-D2110 3PEAK-ZK-D2110 Datasheet
18Mb / 3P
A Multi Zones Walk Through Metal Detector Enhanced Security With High Sensitivity
V1.1 03/25/2024
logo
ZKTECO CO., LTD. All ri...
ZK-M3 ZKTECO-ZK-M3 Datasheet
468Kb / 1P
Under Vehicle Inspection Mirror
V1.1 2018.12.21
More results

Similar Description - ZK-2-R-M5

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
3R3TI30E-080 FUJI-3R3TI30E-080 Datasheet
129Kb / 5P
DIODE and TYRISTOR MODULE
3R3TI60E-080 FUJI-3R3TI60E-080 Datasheet
126Kb / 5P
DIODE and TYRISTOR MODULE
4R3TI30Y-080 FUJI-4R3TI30Y-080 Datasheet
131Kb / 5P
DIODE and TYRISTOR MODULE
6R1TI30Y-080 FUJI-6R1TI30Y-080 Datasheet
127Kb / 5P
DIODE AND TYRISTOR MODULE
logo
List of Unclassifed Man...
3R3TI20E-080 ETC2-3R3TI20E-080 Datasheet
128Kb / 4P
DIODE and TYRISTOR MODULE
logo
Humirel
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
Infineon Technologies A...
DF650R17IE4D_B2 INFINEON-DF650R17IE4D_B2 Datasheet
2Mb / 9P
PrimePACK2 module and NTC
2011-03-04 revision:2.1
FD1000R17IE4D_B2 INFINEON-FD1000R17IE4D_B2 Datasheet
514Kb / 9P
PrimePACK3 module and NTC
2011-03-04 revision:2.1
TDB6HK240N16P INFINEON-TDB6HK240N16P Datasheet
434Kb / 7P
EconoPACK4 module and PressFIT
2009-11-13 revision:2.0
logo
List of Unclassifed Man...
TH01 ETC2-TH01 Datasheet
232Kb / 7P
Temperature and Humidity Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com