Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX604C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX604C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX604C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX604C/D Datasheet HTML 1Page - Maxim Integrated Products MAX604C/D Datasheet HTML 2Page - Maxim Integrated Products MAX604C/D Datasheet HTML 3Page - Maxim Integrated Products MAX604C/D Datasheet HTML 4Page - Maxim Integrated Products MAX604C/D Datasheet HTML 5Page - Maxim Integrated Products MAX604C/D Datasheet HTML 6Page - Maxim Integrated Products MAX604C/D Datasheet HTML 7Page - Maxim Integrated Products MAX604C/D Datasheet HTML 8Page - Maxim Integrated Products MAX604C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(VIN = 6V (MAX603) or 4.3V (MAX604), CIN = COUT = 10μF, OFF = VIN, SET = GND, TJ = TMIN to TMAX, unless otherwise noted.
Typical values are at TJ = +25°C.) (Note 1)
Note 1: Electrical specifications are measured by pulse testing and are guaranteed for a junction temperature (TJ) equal to the
operating temperature range. C and E grade parts may be operated up to a TJ of +125°. Expect performance similar to M
grade specifications. For TJ between +125°C and +150°C, the output voltage may drift more.
Note 2: (VIN - VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits.
Note 3: Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = VOUT + 2V. For example, the
MAX603 is tested by measuring the VOUT at VIN = 7V, then VIN is lowered until VOUT falls 100mV below the measured
value. The difference (VIN - VOUT) is then measured and defined as ∆VDO.
Note 4: Foldback Current Limit was characterized by pulse testing to remain below the maximum junction temperature.
Note 5: The Reverse-Current Protection Threshold is the output/input differential voltage (VOUT - VIN) at which reverse-current
protection switchover occurs and the pass transistor is turned off.
Note 6: Noise is tested using a bandpass amplifier with two poles at 10Hz and two poles at 10kHz.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse-Current Protection
Threshold (Note 5)
∆VRTH
VOUT = 4.5V
MAX603
6
20
mV
VOUT = 3.0V
MAX604
6
20
Reverse Leakage Current
IRVL
VIN = 0V, VOUT = 4.5V
(MAX603) VOUT = 3.0V
(MAX604)
MAX60_C
0.01
10
µA
MAX60_E
20
MAX60_M
100
Start-Up Overshoot
VOSH
RL = 1kΩ, COUT = 10μF, OFF rise time ≤ 1μs
2
%VOUT
Time Required to Exit Shutdown
tSTART
VIN = 9V, RL = 18Ω, VOFF switched from
0V to VIN, time from 0% to 95% of VOUT
200
µs
Dual-Mode SET Threshold
VSET TH
For internal feedback
80
30
mV
For external feedback
150
80
SET Reference Voltage
VSET
SET = OUT, RL = 1kΩ
1.16
1.20
1.24
V
SET Input Leakage Current
ISET
VSET = 1.5V or 0V
±0.01
±10
nA
OUT Leakage Current
IOUT LKG VIN = 11.5V, VOUT = 2V,
SET = OUT
MAX60_C
0.01
2
μA
MAX60_E
6
MAX60_M
20
OFF Threshold Voltage
VIL OFF Off
0.4
VIH OFF
On, SET = OUT, VIN = 4V
2.0
V
On, SET = OUT, VIN = 6V
3.0
On, SET = OUT, VIN = 11.5V
4.0
OFF Input Leakage Current
IOFF
VOFF = VIN or GND
±0.01
±10
nA
Output Noise (Note 6)
en
10Hz to 10kHz, SET = OUT, RL = 1kΩ,
COUT = 10μF
250
μVRMS
www.maximintegrated.com
Maxim Integrated │ 3
MAX603/MAX604
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 500mA Linear Regulators
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com