Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-15B Datasheet(PDF) 1 Page - CUI INC

Part # VOF-15B
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-15B Datasheet(HTML) 1 Page - CUI INC

  VOF-15B Datasheet HTML 1Page - CUI INC VOF-15B Datasheet HTML 2Page - CUI INC VOF-15B Datasheet HTML 3Page - CUI INC VOF-15B Datasheet HTML 4Page - CUI INC VOF-15B Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 03/26/2021
page 1 of 5
SERIES: VOF-15B
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VOF-15B-S5
5
2.8
14
100
81.37
VOF-15B-S9
9
1.6
14.4
100
84.28
VOF-15B-S12
12
1.25
15
120
84.50
VOF-15B-S15
15
1
15
150
84.50
VOF-15B-S24
24
0.625
15
240
84.50
VOF-15B-S48
48
0.32
15.4
480
84.63
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,outputterminatedwith10μFelectrolyticand0.1μFceramiccapacitors.
2.AllspecificationsaremeasuredatTa=25°C,nominalinputvoltage,and75%ratedoutputloadunlessotherwisespecified.
FEATURES
• up to 15 W continuous power
•universalinput:85~264Vac
•compactopen-framedesign
•singleoutputfrom5Vdc~48Vdc
•shortcircuit,overvoltageprotection,overcurrentprotection
• 4000 Vac isolation
• no load power consumption <100 mW
PART NUMBER KEY
Base Number
VOF-15B - SXX
OutputVoltage
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - VOF-15B

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-15B CUI-VOF-15B Datasheet
533Kb / 5P
AC-DC POWER SUPPLY
VOF-15B-S12 CUI-VOF-15B-S12 Datasheet
533Kb / 5P
AC-DC POWER SUPPLY
VOF-15B-S15 CUI-VOF-15B-S15 Datasheet
533Kb / 5P
AC-DC POWER SUPPLY
VOF-15B-S24 CUI-VOF-15B-S24 Datasheet
533Kb / 5P
AC-DC POWER SUPPLY
VOF-15B-S48 CUI-VOF-15B-S48 Datasheet
533Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-15B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com