Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWI24-SC Datasheet(PDF) 1 Page - CUI INC

Part # SWI24-SC
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI24-SC Datasheet(HTML) 1 Page - CUI INC

  SWI24-SC Datasheet HTML 1Page - CUI INC SWI24-SC Datasheet HTML 2Page - CUI INC SWI24-SC Datasheet HTML 3Page - CUI INC SWI24-SC Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 04/26/2021
page 1 of 4
SERIES: SWI24-SC
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• 24 W power
• universal input (90~264 Vac)
• single regulated 12~24 Vdc output
• short circuit, over current, and over voltage protections
• UL 60950 & UL 1310 safety approvals
• level VI efficiency
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI24 - XX - N - SC - CXX
AC Input Type
DC Output Type:
Screw Terminals
Output Voltage
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI24-12-N-SC
12
2
24
120
VI
SWI24-15-N-SC
15
1.6
24
150
VI
SWI24-24-N-SC
24
1
24
240
VI
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerceramicand10μFlowESRelectrolyticcapacitors.
Additional Resources: Product Page


Similar Part No. - SWI24-SC

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI24-SC CUI-SWI24-SC Datasheet
419Kb / 4P
AC-DC POWER SUPPLY
More results

Similar Description - SWI24-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com