Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S25C Datasheet(PDF) 1 Page - CUI INC

Part # VOF-S25C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S25C Datasheet(HTML) 1 Page - CUI INC

  VOF-S25C Datasheet HTML 1Page - CUI INC VOF-S25C Datasheet HTML 2Page - CUI INC VOF-S25C Datasheet HTML 3Page - CUI INC VOF-S25C Datasheet HTML 4Page - CUI INC VOF-S25C Datasheet HTML 5Page - CUI INC VOF-S25C Datasheet HTML 6Page - CUI INC VOF-S25C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 02/14/2020
page 1 of 7
SERIES: VOF-S25C
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-S25C-5
5
0
4.00
20
50
81
VOF-S25C-12
12
0
2.10
25
120
84
VOF-S25C-15
15
0
1.67
25
150
85
VOF-S25C-24
24
0
1.05
25
240
86
VOF-S25C-36
36
0
0.70
25
360
87
VOF-S25C-48
48
0
0.52
25
480
87
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, with 1 µF ceramic and 10 µF electrolytic capacitors on the output.
2. At 230 Vac, full load, 25°C.
3. All specifications are measured at Ta=25°C, nominal input voltage, and 75% rated output load unless otherwise specified.
FEATURES
• universal input range (90 ~ 264 Vac)
• Class B emissions (EN55032/CISPR/FCC)
• certified to IEC/EN/UL 62368-1
• designed to meet IEC/EN 60335
• short circuit protection
• over voltage protection
• < 100 mW no-load power consumption
• Class II
PART NUMBER KEY
Base Number
VOF-S25C - XX
Output Voltage
Additional Resources: Product Page | 3D Model


Similar Part No. - VOF-S25C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-S25B CUI-VOF-S25B Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/28/2021
VOF-S25B-12 CUI-VOF-S25B-12 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/28/2021
VOF-S25B-15 CUI-VOF-S25B-15 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/28/2021
VOF-S25B-24 CUI-VOF-S25B-24 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/28/2021
VOF-S25B-36 CUI-VOF-S25B-36 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/28/2021
More results

Similar Description - VOF-S25C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com