Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST25DV64K Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 31Page - STMicroelectronics ST25DV64K Datasheet HTML 32Page - STMicroelectronics ST25DV64K Datasheet HTML 33Page - STMicroelectronics ST25DV64K Datasheet HTML 34Page - STMicroelectronics ST25DV64K Datasheet HTML 35Page - STMicroelectronics ST25DV64K Datasheet HTML 36Page - STMicroelectronics ST25DV64K Datasheet HTML 37Page - STMicroelectronics ST25DV64K Datasheet HTML 38Page - STMicroelectronics ST25DV64K Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 200 page
background image
5.2.2
GPO and power supply
When at the same time RF field is present and VCC is ON, GPO is acting as configured in GPO, GPO_CTRL_Dyn
and IT_TIME registers.
When the RF field disappears, the GPO state is reset and the output level is set to high-Z (open drain) or tied low
(CMOS). Interruption status in IT_STS_Dyn register is maintained until next I2C read or VCC power off.
Table 23. GPO interrupt capabilities in function of RF field
RF field on
RF field off
GPO state is function of RF events (1)
GPO remains High-Z (OD) or tied low (CMOS)
1. If pull-up resistor is powered (Open Drain-IE version), and VDCG is powered (CMOS –JF version).
When VCC is not present, or ST25DVxxx is in low power mode, all events are available on GPO pin, assuming
pull-up resistor is supplied with correct voltage (Open Drain-IE version) or VDCG is powered (CMOS-JF version).
The host can be waken up using GPO interrupt in any power condition.
The exception is FIELD_CHANGE when RF field is falling, which can’t be reported on GPO output if VCC is off or
in low power mode (no power supply on ST25DVxxx).
Table 24. GPO interrupt capabilities in function of VCC power supply
GPO events
VCC OFF
VCC ON and LPD high (1)
(low power mode)
VCC ON and LPD low(1)
FIELD_CHANGE if RF field
disappears
GPO remains High-Z (OD)
or tied low (CMOS)
GPO remains High-Z (OD) or tied
low (CMOS) (2)
Pulse emitted on GPO
Any other activated RF event
GPO state is function of RF
events(2)
GPO state is function of RF events(2)
GPO state is function of
RF events(2)
1. For STM25DVxxK-JF only.
2. If pull-up resistor is powered (Open Drain-IE version) and VDCG is powered (CMOS-JF version).
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 9
page 35/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com