Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-S60B Datasheet(PDF) 6 Page - CUI INC

Part # VOF-S60B
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-S60B Datasheet(HTML) 6 Page - CUI INC

  VOF-S60B Datasheet HTML 1Page - CUI INC VOF-S60B Datasheet HTML 2Page - CUI INC VOF-S60B Datasheet HTML 3Page - CUI INC VOF-S60B Datasheet HTML 4Page - CUI INC VOF-S60B Datasheet HTML 5Page - CUI INC VOF-S60B Datasheet HTML 6Page - CUI INC VOF-S60B Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 06/04/2021
│ page 6 of 7
CUI Inc
│ SERIES: VOF-S60B │ DESCRIPTION: AC-DC POWER SUPPLY
INSTALLATION INSTRUCTIONS
The mounting holes should all be 1.5 mm in diameter. A minimum of 4 mm clearance is required for all four sides of the
unit and a minimum of 5 mm clearance is required above the top surface of the unit.
POWER BOOST
The VOF-S60B Series has an ordering option called Power Boost (“-PB” suffix), which can double the rated output power
provided to the load for a maximum of 10 seconds and repeated duty cycle of 10%. This functionality requires a 100
uF / 400 V capacitor to be connected between the BC+ and BC- pins as depicted in the schematic below. This external
capacitor is not required if the VOF-S60B is operating from 230 Vac mains. When utilizing the Power Boost Feature, care
must be taken not to thermally overstress the unit. The combined load (nominal plus peak) should not exceed 65% of the
full load rating when averaged out over time.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com