Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDEV-PROTO Datasheet(PDF) 20 Page - Linx Technologies

Part # MDEV-PROTO
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-PROTO Datasheet(HTML) 20 Page - Linx Technologies

Back Button MDEV-PROTO Datasheet HTML 16Page - Linx Technologies MDEV-PROTO Datasheet HTML 17Page - Linx Technologies MDEV-PROTO Datasheet HTML 18Page - Linx Technologies MDEV-PROTO Datasheet HTML 19Page - Linx Technologies MDEV-PROTO Datasheet HTML 20Page - Linx Technologies MDEV-PROTO Datasheet HTML 21Page - Linx Technologies MDEV-PROTO Datasheet HTML 22Page - Linx Technologies MDEV-PROTO Datasheet HTML 23Page - Linx Technologies MDEV-PROTO Datasheet HTML 24Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
–
–
–
–
34
35
1
2
3
P2
Header 3
D4
D5
D6
1
2
3
4
P1
Header 4
D0
D1
D2
D3
GND
R2
330
VCC
D1
GND
R3
330
D2
GND
R27
330
D20
RF
1
ANT1
CONREVSMA002
PAIR
MODE_IND
CONFIRM
LATCH_EN
D0
D1
D2
D3
D4
D5
ACK_EN
PDN
CMD_DATA_IN
CMD_DATA_OUT
D6
D7
SER_I/O
C0
C1
SEND
CRT_LRN
GND
GND
VCC
GNDGND
GND
GND
23
45
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
J1
Carrier Interconnect Female
LVL_ADJ
IDENTITY
GND
X2
DNP
X1
1.8nH
ED_SEL
SEL_TIMER
D8
D9
D_CFG
A_CFG_0
A_CFG_1
BAUD_0
GND
SW1
SPDT
GND
VCC
B1
GND
Vin
1
Vout
3
U1
C1
0.47uF
GND
+
C2
100uF
VDD
1
RA5
2
RA4
3
MCLR
4
RC5
5
RC4
6
RC3
7
RC2
8
RC1
9
RC0
10
RA2
11
ICSPCLK
12
ICSPDAT
13
GND
14
U2
PIC16F1824
VCC
GND
PGD
PGC
MCLR
CMD_DATA_IN
CMD_DATA_OUT
IDENTITYCRT_LRN
MODE_IND
GND
SER_I/O
R14
330
GND
S9
RESTORE
D7
PIC A/B
R36
0
R33
0
VCC
GND
SW2
LVL_ADJ
VCC
GND
GND
VCC
S8
PAIR
R1
10K
PAIR
CRT_LRN
REMOTE CONTROL AREA
POWER SUPPLY AREA
RF MODULE AREA
MISC CIRCUITS
MICROCONTROLLER AREA
1
2
3
P3
Header 3
D7
VCC
GND
1
2
3
4
J2
MCLR
PGD
5
6
PGC
VCC
GND
VCC
S0
D5
R12
330
D3
R10
10K
GND
GND
VCC
S1
R17
330
R15
10K
GND
GND
D10
D8
VCC
S2
R21
330
R19
10K
GND
GND
D14
D12
VCC
S3
R25
330
R23
10K
GND
GND
D18
D16
VCC
S4
R13
330
R11
10K
GND
GND
D6
D4
VCC
S5
R18
330
R16
10K
GND
GND
D11
D9
VCC
S6
R22
330
R20
10K
GND
GND
D15
D13
VCC
S7
R26
330
R24
10K
GND
GND
D19
D17
C0
C1
GND
VCC
R30 0 ohm
R31 0 ohm
ED_SEL
R7
10K
R39 0 ohm
GND
GND
PIC A/B
C0
C1
R28 0 ohm
GND
VCC
R29 0 ohm
R40 0 ohm
VCC
ED_SEL
R43 10K
VCC
PIC A/B
A Board
B Board
A Board
Figure 41: Remote Control Demo Board Remote Control Area Schematic
1
2
3
P2
Header 3
D4
D5
D6
1
2
3
4
P1
Header 4
D0
D1
D2
D3
GND
R2
330
VCC
D1
GND
R3
330
D2
GND
R27
330
D20
RF
1
ANT1
CONREVSMA002
PAIR
MODE_IND
CONFIRM
LATCH_EN
D0
D1
D2
D3
D4
D5
ACK_EN
PDN
CMD_DATA_IN
CMD_DATA_OUT
D6
D7
SER_I/O
C0
C1
SEND
CRT_LRN
GND
GND
VCC
GNDGND
GND
GND
23
45
67
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
J1
Carrier Interconnect Female
LVL_ADJ
IDENTITY
GND
X2
DNP
X1
1.8nH
ED_SEL
SEL_TIMER
D8
D9
D_CFG
A_CFG_0
A_CFG_1
BAUD_0
GND
SW1
SPDT
GND
VCC
B1
GND
Vin
1
Vout
3
U1
C1
0.47uF
GND
+
C2
100uF
VDD
1
RA5
2
RA4
3
MCLR
4
RC5
5
RC4
6
RC3
7
RC2
8
RC1
9
RC0
10
RA2
11
ICSPCLK
12
ICSPDAT
13
GND
14
U2
PIC16F1824
VCC
GND
PGD
PGC
MCLR
CMD_DATA_IN
CMD_DATA_OUT
IDENTITYCRT_LRN
MODE_IND
GND
SER_I/O
R14
330
GND
S9
RESTORE
D7
PIC A/B
R36
0
R33
0
VCC
GND
SW2
LVL_ADJ
VCC
GND
GND
VCC
S8
PAIR
R1
10K
PAIR
CRT_LRN
REMOTE CONTROL AREA
POWER SUPPLY AREA
RF MODULE AREA
MISC CIRCUITS
MICROCONTROLLER AREA
1
2
3
P3
Header 3
D7
VCC
GND
1
2
3
4
J2
MCLR
PGD
5
6
PGC
VCC
GND
VCC
S0
D5
R12
330
D3
R10
10K
GND
GND
VCC
S1
R17
330
R15
10K
GND
GND
D10
D8
VCC
S2
R21
330
R19
10K
GND
GND
D14
D12
VCC
S3
R25
330
R23
10K
GND
GND
D18
D16
VCC
S4
R13
330
R11
10K
GND
GND
D6
D4
VCC
S5
R18
330
R16
10K
GND
GND
D11
D9
VCC
S6
R22
330
R20
10K
GND
GND
D15
D13
VCC
S7
R26
330
R24
10K
GND
GND
D19
D17
C0
C1
GND
VCC
R30 0 ohm
R31 0 ohm
ED_SEL
R7
10K
R39 0 ohm
GND
GND
PIC A/B
C0
C1
R28 0 ohm
GND
VCC
R29 0 ohm
R40 0 ohm
VCC
ED_SEL
R43 10K
VCC
PIC A/B
A Board
B Board
A Board
Figure 42: Remote Control Demo Board Miscellaneous Circuits Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com