Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXM-GPS-R4 Datasheet(PDF) 3 Page - Linx Technologies

Part # RXM-GPS-R4
Description  R4 Series Evaluation Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

RXM-GPS-R4 Datasheet(HTML) 3 Page - Linx Technologies

  RXM-GPS-R4 Datasheet HTML 1Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 2Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 3Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 4Page - Linx Technologies RXM-GPS-R4 Datasheet HTML 5Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
Description
The R4 Series GPS receiver module is a self-contained high-performance
GPS receiver with an on-board LNA and SAW filter. Based on the SiRFstar
IV chipset, it provides exceptional sensitivity, even in dense foliage and
urban canyons. The module’s very low power consumption helps maximize
runtimes in battery powered applications. With over 200,000 effective
correlators, the R4 Series receiver can acquire and track up to 48 satellites
simultaneously in just seconds, even at the lowest signal levels. These
features, along with the module’s standard NMEA data output, make it
easy to integrate, even by engineers without previous RF or GPS
experience. The Linx R4 Series GPS modules offer a simple, efficient and
cost-effective method of adding GPS capabilities to any product.
The evaluation module contains the surface mount R4 Series GPS module,
SMA connector and a ferrite bead (used to supply power to an external
active antenna, such as the Linx SH Series active GPS antenna) on a single
board with through-hole headers. This small board makes prototyping with
the R4 Series module very easy.
R4 Series GPS Receiver
Evaluation Module
User's Guide
Revised 5/6/2015
Figure 1: R4 Series Evaluation Module



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com