Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS-RK-4/10SP Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LPS-RK-4/10SP
Description  LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPS-RK-4/10SP Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LPS-RK-4/10SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPS-RK-4/10SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPS-RK-4/10SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPS-RK-4/10SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1001
Effective August 2018
Supersedes March 2017
LPS-RK — 600 Vac/300 Vdc, 1⁄10-60A,
dual element, time-delay fuses
Catalog symbols:
LPS-RK-_SP (non-indicating)
LPS-RK-_SPI (indicating
Description:
Ultimate protection Class RK1 dual element,
current-limiting, time-delay fuses available with
optional open fuse indication on select ratings.
Time-delay – 10 seconds (minimum) at 500% of
rated current.
Rating
Volts
600 Vac
300 Vdc*
Amps 1/10-60 A
IR
300 kA Vac RMS Sym.
100 kA DC
* DC rating does not apply all indicating versions (LPS-RK-_
SPI) and the LPS-RK-60SP, non-indicating fuse.
Agency information
UL Listed, Guide JDDZ, File E4273
CSA Certified, Class 1422-02, File 53787, Class
RK1 per CSA C22.2, No. 248.12
CE
Catalog no.
LPS-RK-1/10SP
LPS-RK-11/2SP
LPS-RK-41/2SP
LPS-RK-171/2SP*
LPS-RK-2/10SP
LPS-RK-16/10SP LPS-RK-5SP
LPS-RK-20SP*
LPS-RK-3/10SP
LPS-RK-18/10SP LPS-RK-56/10SP LPS-RK-25SP*
LPS-RK-4/10SP
LPS-RK-2SP
LPS-RK-6SP*
LPS-RK-30SP*
LPS-RK-1/2SP
LPS-RK-21/4SP
LPS-RK-61/4SP* LPS-RK-35SP*
LPS-RK-6/10SP
LPS-RK-21/2SP
LPS-RK-7SP*
LPS-RK-40SP*
LPS-RK-8/10SP
LPS-RK-28/10SP LPS-RK-8SP*
LPS-RK-45SP*
LPS-RK-1SP
LPS-RK-3SP
LPS-RK-9SP*
LPS-RK-50SP*
LPS-RK-11/8SP
LPS-RK-32/10SP LPS-RK-10SP*
LPS-RK-60SP*
LPS-RK-11/4SP
LPS-RK-31/2SP
LPS-RK-12SP*
LPS-RK-14/10SP LPS-RK-4SP
LPS-RK-15SP*
* Open fuse indication available by inserting the suffix “I,”
e.g., LPS-RK-15SPI. Requires 75Vac minimum voltage.
Indicating fuses and the LPS-RK-60SP non-indicating fuse
are not Vdc rated.
Carton quantity
10
Applications
Feeder and branch circuits
Motors
Transformers
Solenoids
General purpose circuits
Features and benefits
Industry’s only UL Listed and CSA Certified fuse
with a 300kA interrupting rating that allows for
simple, worry-free installation in virtually any
application.
Fast short-circuit protection and dual-element,
time-delay performance provide ultimate
protection.
Reduces existing fuse inventory by up to 33%
when upgrading to Low-Peak fuses.
Consistent 2:1 ampacity ratios for all Low-Peak
fuses make selective coordination easy.
Time-delay permits 130% FLA sizing for back-up
motor protection.
Current-limitation protects downstream
components against damaging thermal and
magnetic effects of short-circuit currents.
Protects against single-phase motor damage.
Proper sizing can provide “no damage” Type 2
coordinated protection for NEMA and IEC motor
controllers.


Similar Part No. - LPS-RK-4/10SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPS-RK-400SP COOPER-LPS-RK-400SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
LPS-RK-400SP EATON-LPS-RK-400SP Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPS-RK-400SPI COOPER-LPS-RK-400SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-40SPI COOPER-LPS-RK-40SPI Datasheet
147Kb / 3P
Dual-Element, Time-Delay Fuses w/Permanent Fuse Indication
LPS-RK-450SP COOPER-LPS-RK-450SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
More results

Similar Description - LPS-RK-4/10SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FRS-R-110 COOPER-FRS-R-110_16 Datasheet
339Kb / 3P
Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRS-R EATON-FRS-R Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPN-RK EATON-LPN-RK Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com