Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM6DSL Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSL
Description  Flight controller unit evaluation board for toy drones
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSL Datasheet HTML 1Page - STMicroelectronics LSM6DSL Datasheet HTML 2Page - STMicroelectronics LSM6DSL Datasheet HTML 3Page - STMicroelectronics LSM6DSL Datasheet HTML 4Page - STMicroelectronics LSM6DSL Datasheet HTML 5Page - STMicroelectronics LSM6DSL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 4. STEVAL-FCU001V1 – circuit schematic (3 of 4)
USB
USB_DP
USB_DM
USB_Monitor
V_USB
VDD
VBAT+
GND
GND
V_USB
V_USB
V_USB
GND
GND
VBAT+
U6
LD39015M33R
OUT
5
NC
4
IN
1
GND
2
EN
3
R30
5.1K
D5
ESDA7P60-1U1M
C16
4.7µF
R28
100K
SMD 0402
1
2
C14
1µF
U3
USBULC6-2M6(uQFN)
uQFN6X145X1
D1
1
GND
2
D2
3
D3
4
VBus
5
D6
6
R25
0R
C15
100nF
U4
STC4054
CHRG
1
GND
2
BAT
3
VCC
4
PROG
5
R26
1M
SMD 0201
C17
1µF
R29
510R
R27
100K
SMD 0402
C18
100nF
LD3
RED LED
C12
100nF
16V
SMD 0402
C13
4.7nF 50V
SMD 0402
BT1
Battery
CN1
Micro_USB_AB
RS 702-5481
Molex 47590-0001
1
2
3
4
5
6
7
8
9
DM
USB_DP
DP
DP
USB_DM
DM
Figure 5. STEVAL-FCU001V1 – circuit schematic (4 of 4)
S2_CLK
S2_SDA
LPS22HB_CS
LSM6DS33_CS
LIS2MDL_CS
VDD
VDD
VDD
C20
100nF
U9
LIS2MDL
RES
12
SDA/SDI/SDO
4
CS
3
GND1
8
DRDY
7
NC1
11
SCL/SPC
1
NC
2
GND
6
C1
5
VDD
9
VDD_IO
10
C25
100nF
C23
100nF
U7
LPS22HBTR
VDD
10
GND
9
GND1
8
INT
7
CS
6
VDD_IO
1
SCL/SPC
2
RES
3
SDA/SDI/SDO
4
SDO/SA0
5
C22
100nF
C19
1uF
U8
LSM6DSL
NC
10
GND
7
GND1
6
RES2
11
VDD_IO
5
SCL
13
SDA
14
SDO
1
CS
12
INT2
9
INT1
4
*2
3
VDD
8
*1
2
C24
1uF
C21
1uF
S2_SDA
S2_CLK
LPS22HB_CS
S2_CLK
S2_SDA
LIS2MDL_CS
S2_CLK
S2_SDA
LSM6DS33_CS
S2_CLK
S2_SDA
LPS22HB_CS
LSM6DS33_CS
LIS2MDL_CS
STEVAL-FCU001V1
Schematic diagrams
DB3394 - Rev 2
page 4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com