Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5035MH Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5035MH
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5035MH Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM5035MH Datasheet HTML 17Page - National Semiconductor (TI) LM5035MH Datasheet HTML 18Page - National Semiconductor (TI) LM5035MH Datasheet HTML 19Page - National Semiconductor (TI) LM5035MH Datasheet HTML 20Page - National Semiconductor (TI) LM5035MH Datasheet HTML 21Page - National Semiconductor (TI) LM5035MH Datasheet HTML 22Page - National Semiconductor (TI) LM5035MH Datasheet HTML 23Page - National Semiconductor (TI) LM5035MH Datasheet HTML 24Page - National Semiconductor (TI) LM5035MH Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Applications Information (Continued)
The impedance seen looking into the resistor divider from
the UVLO and OVP pins determines the hysteresis level.
UVLO and OVP enable and disable thresholds are calcu-
lated using the equations in the table below for the three-
resistor divider illustrated in Figure 12.
TABLE 1. UVO/OVP Divider Formulas
Outputs disabled due to VIN falling below UVLO threshold
Outputs enabled due to VIN rising above UVLO threshold
UVLO
on = UVLOoff + (23µA x R1)
Outputs disabled due to VIN rising above OVP threshold
Outputs enabled due to VIN falling below OVP threshold
OVP
on = OVPoff - [23µA x (R1 + R2)]
The typical operating ranges of undervoltage and overvolt-
age thresholds are calculated from the above equations. For
example, for resistor values R1 = 86.6k
Ω, R2 = 2.10kΩ and
R3 = 1.40k
Ω the computed thresholds are:
UVLO turn-off = 32.2V
UVLO turn-on = 34.2V
OVP turn-on = 78.4V
OVP turn-off = 80.5V
20177531
FIGURE 12. UVLO/OVP Divider
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com