Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06384 Datasheet(PDF) 2 Page - 3M Electronics

Part # 06384
Description  Automotive Acrylic Plus Attachment Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

06384 Datasheet(HTML) 2 Page - 3M Electronics

  06384 Datasheet HTML 1Page - 3M Electronics 06384 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet 06382, 06383, 06384, and 06386
Page 2
Physical Properties
Ordering
Information
Other Trim
Please see your 3M catalog or consult your 3M representative for information
Attachment
about our complete line of automotive attachment tapes and adhesion promoter.
And Repair Products
Or you may visit us at www.3M.com/automotive, then click on “Product Catalog,”
then “3M™ Tapes and Scotch® Tapes,” and then “3M™ Automotive Attachment Tapes.”
IMPORTANT NOTICE: All statements and technical information in this literature are based on tests 3M believes are
reliable. 3M does not warrant or guarantee the accuracy or completeness of this information. 3M warrants that the
products described in this literature will be free from defects in material or manufacture when shipped. 3M MAKES NO
OTHER WARRANTIES REGARDING THESE PRODUCTS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO,
ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Because there are
many factors that can affect the use and performance of these products, some of which are uniquely within the user's
knowledge and control, it is essential that the user evaluate these products to determine whether they are fit for a particular
purpose, suitable for the user's method of application, and meet the user's performance specifications and expectations.
Limitation of Remedies and Liability: If any product described in this literature is defective, the exclusive remedy, at 3M’s
option, will be to refund the purchase price of or to replace the defective product. 3M IS NOT LIABLE FOR ANY OTHER
LOSS OR DAMAGES, WHETHER DIRECT, INDIRECT, SPECIAL, INCIDENTAL OR CONSEQUENTIAL, ARISING OUT
OF THE USE OF OR INABILITY TO USE THESE PRODUCTS REGARDLESS OF LEGAL THEORY.
Foam
Black acrylic
Liner color
Red
Thickness
.045 in. (1,14 mm)
Package
Clam shell
Part Number
Color
Size
Rolls
Boxes
Per Box
Per Case
06382
Black
1/2” x 20 yds (12,7 mm x 18,2 m)
1
12
06383
Black
7/8” x 20 yds (22,2 mm x 18,2 m)
1
12
06384
Black
1/2” x 5 yds (12,7 mm x 4,57 m)
1
12
06386*
Black
1/4” x 20 yds (6,35 mm x 18,2 m)
1
12
*Because of narrower width, 06386 is recommended for wheel flares or other less demanding applications.
QS 9000
File No. A2109
3
Automotive Aftermarket Division
3M Center, Building 223-6N-01
Minimum 30% Post-Consumer Fiber
St. Paul, MN 55144-1000
Printed in U.S.A.
www.3M.com/automotive
© 3M 2002 75-3469-7534-7 2668-EMC C.I.C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com