| Electronic Components Datasheet Search |
|
DS31256+ Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256+ Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 21 of 183 Signal Name: LHLDA ( LBG) Signal Description: Local Bus Hold Acknowledge (Local Bus Grant) (PCI Bridge Mode Only) Signal Type: Input This input signal is sampled on the rising edge of LCLK to determine when the device has been granted access to the bus. In Intel mode (LIM = 0), this is an active-high signal; in Motorola mode (LIM = 1) this is an active-low signal. This signal is ignored and should be connected high when the local bus is in configuration mode (LMS = 1). Also, in PCI bridge mode (LMS = 0), this signal should be wired deasserted when the local bus arbitration is disabled through the LBBMC register. Signal Name: LHOLD ( LBR) Signal Description: Local Bus Hold (Local Bus Request) (PCI Bridge Mode Only) Signal Type: Output This signal is asserted when the DS31256 is attempting to control the local bus. In Intel mode (LIM = 0), this signal is an active-high signal; in Motorola mode (LIM = 1) this signal is an active-low signal. It is deasserted concurrently with LBGACK. This signal is tri-stated when the local bus is in configuration mode (LMS = 1) and also in PCI bridge mode (LMS = 0) when the local bus arbitration is disabled through the LBBMC register. Signal Name: LBGACK Signal Description: Local Bus Grant Acknowledge (PCI Bridge Mode Only) Signal Type: Output (tri-state capable) This active-low signal is asserted when the local bus hold-acknowledge/bus grant signal (LHLDA/ LBG) has been detected and continues its assertion for a programmable (32 to 1,048,576) number of LCLKs, based on the local bus arbitration timer setting in the LBBMC register. This signal is tri-stated when the local bus is in configuration mode (LMS = 1). Signal Name: LBHE Signal Description: Local Bus Byte-High Enable (PCI Bridge Mode Only) Signal Type: Output (tri-state capable) This active-low output signal is asserted when all 16 bits of the data bus (LD[15:0]) are active. It remains high if only the lower 8 bits (LD[7:0)] are active. If bus arbitration is enabled through the LARBE control bit in the LBBMC register, this signal is tri-stated when the local bus is not currently involved in a bus transaction and driven when a bus transaction is active. When bus arbitration is disabled, this signal is always driven. This signal remains in tri-state when the local bus is not involved in a bus transaction and is in configuration mode (LMS = 1). Signal Name: LCLK Signal Description: Local Bus Clock (PCI Bridge Mode Only) Signal Type: Output (tri-state capable) This signal outputs a buffered version of the clock applied at the PCLK input. All local bus signals are generated and sampled from this clock. This output is tri-stated when the local bus is in configuration mode (LMS = 1). It can be disabled in the PCI bridge mode through the LBBMC register. Signal Name: LCS Signal Description: Local Bus Chip Select (Configuration Mode Only) Signal Type: Input This active-low signal must be asserted for the device to accept a read or write command from an external host. This signal is ignored in the PCI bridge mode (LMS = 0) and should be connected high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |