Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y18 Datasheet(PDF) 4 Page - STMicroelectronics

Part # Y18
Description  LOW FORWARD VOLTAGE TVS: Transky
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Y18 Datasheet(HTML) 4 Page - STMicroelectronics

  Y18 Datasheet HTML 1Page - STMicroelectronics Y18 Datasheet HTML 2Page - STMicroelectronics Y18 Datasheet HTML 3Page - STMicroelectronics Y18 Datasheet HTML 4Page - STMicroelectronics Y18 Datasheet HTML 5Page - STMicroelectronics Y18 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMTY18AM
4/6
Figure 7: Clamping voltage versus peak pulse
current (typical values)
Figure 8: Junction capacitance versus reverse
voltage applied (typical values)
Figure 9: Forward voltage drop versus forward
current (typical values)
0.1
1.0
10.0
100.0
10
12
14
16
18
20
22
24
26
28
30
VCL(V)
8/20µs
10/1000µs
T
j initial =25°C
I (A)
PP
100
1000
1
10
100
VR(V)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
C(pF)
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VF(V)
T
j=85°C
T
j=25°C
I(A)
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com