Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASJK Datasheet(PDF) 7 Page - ams AG

Part # ASJK
Description  High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASJK Datasheet(HTML) 7 Page - ams AG

Back Button ASJK Datasheet HTML 3Page - ams AG ASJK Datasheet HTML 4Page - ams AG ASJK Datasheet HTML 5Page - ams AG ASJK Datasheet HTML 6Page - ams AG ASJK Datasheet HTML 7Page - ams AG ASJK Datasheet HTML 8Page - ams AG ASJK Datasheet HTML 9Page - ams AG ASJK Datasheet HTML 10Page - ams AG ASJK Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.austriamicrosystems.com
Revision 1.76
7 - 15
AS1741, AS1742, AS1743
austriamicrosystems
Data Sheet
Pin Assignments
7 Pinout
Pin Assignments
Figure 10. MSOP Pin Assignments (Top View)
Figure 11. SOT23 Pin Assignments (Top View)
Pin Descriptions
Table 6. Pin Descriptions
Pin Number
Pin Name
Description
See Figure 10
and Figure 11
COM1
Analog Switch 1 Common
COM2
Analog Switch 2 Common
GND
Ground
IN1
Analog Switch 1 Logic Control Input
IN2
Analog Switch 2 Logic Control Input
NC1
Analog Switch 1 Normally Closed Terminal
NC2
Analog Switch 2 Normally Closed Terminal
NO1
Analog Switch 1 Normally Open Terminal
NO2
Analog Switch 2 Normally Open Terminal
V+
Input Supply Voltage
. +1.6 to +3.6V
AS1742
8 V+
5 NC2
6 COM2
7 IN1
1
NC1
4
GND
3
IN2
2
COM1
AS1741
8 V+
5 NO2
6 COM2
7 IN1
1
NO1
4
GND
3
IN2
2
COM1
AS1743
8 V+
5 NC2
6 COM2
7 IN1
1
NO1
4
GND
3
IN2
2
COM1
AS1742
8 NC1
5 GND
6 IN2
7 COM1
1
IN1
4
COM2
3
NC2
2
V+
AS1741
8 NO1
5 GND
6 IN2
7 COM1
1
IN1
4
COM2
3
NO2
2
V+
AS1743
8 NO1
5 GND
6 IN2
7 COM1
1
IN1
4
COM2
3
NC2
2
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com