Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS840002AI Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS840002AI
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840002AI Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS840002AI Datasheet HTML 4Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 5Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 6Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 7Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 8Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 9Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 10Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 11Page - Integrated Circuit Systems ICS840002AI Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840002AGI
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2005
8
ICS840002I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
Q0, Q1
RMS PHASE JITTER
OUTPUT SKEW
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Clock
Outputs
20%
80%
80%
20%
tR
t F
V
DD,
V
DDA, VDDO
GND
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
OUTPUT RISE/FALL TIME
SCOPE
Qx
LVCMOS
2.05V±5%
-1.25V±5%
V
DD,
V
DDA
GND
1.25V±5%
V
DDO
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.25V±5%
-1.25V±5%
V
DD,
V
DDA, VDDO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com