| Electronic Components Datasheet Search |
|
USB7252CT/KDX Datasheet(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7252CT/KDX Datasheet(HTML) 21 Page - Microchip Technology |
|
21 / 63 page ![]() 2021 Microchip Technology Inc. DS00003852A-page 21 Note 3-1 The default function is not used in the USB7252C. PF6 GPIO70 GPIO70 UART_RX GPIO70 PF7 GPIO71 MIC_DET UART_TX GPIO71 PF8 (Note 3-1) (Note 3-1) (Note 3-1) (Note 3-1) PF9 (Note 3-1) (Note 3-1) (Note 3-1) (Note 3-1) PF10 DP2_VCONN1 DP2_VCONN1 DP2_VCONN1 DP2_VCONN1 PF11 DP2_VCONN2 DP2_VCONN2 DP2_VCONN2 DP2_VCONN2 PF12 PRT_CTL3_U3 PRT_CTL3_U3 PRT_CTL3_U3 PRT_CTL3_U3 PF13 PRT_CTL3 PRT_CTL3 PRT_CTL3 PRT_CTL3 PF14 GPIO78 I2S_SDI UART_nCTS GPIO78 PF15 PRT_CTL2 PRT_CTL2 PRT_CTL2 PRT_CTL2 PF16 PRT_CTL4 PRT_CTL4 PRT_CTL4 PRT_CTL4 PF17 PRT_CTL1 PRT_CTL1 PRT_CTL1 PRT_CTL1 PF18 (Note 3-1) (Note 3-1) (Note 3-1) (Note 3-1) PF19 SLV_I2C_DATA I2S_SDO UART_nRTS GPIO83 PF20 SPI_CE_N SPI_CE_N SPI_CE_N SPI_CE_N PF21 SPI_CLK SPI_CLK SPI_CLK SPI_CLK PF22 SPI_D0 SPI_D0 SPI_D0 SPI_D0 PF23 SPI_D1 SPI_D1 SPI_D1 SPI_D1 PF24 SPI_D2 SPI_D2 SPI_D2 SPI_D2 PF25 SPI_D3 SPI_D3 SPI_D3 SPI_D3 PF26 SLV_I2C_CLK I2S_SCK UART_nDSR GPIO90 PF27 GPIO91 I2S_MCLK UART_nDTR GPIO91 PF28 GPIO92 I2S_LRCK UART_nDCD GPIO92 PF29 (Note 3-1) (Note 3-1) (Note 3-1) (Note 3-1) PF30 MSTR_I2C_CLK MSTR_I2C_CLK MSTR_I2C_CLK MSTR_I2C_CLK PF31 MSTR_I2C_DATA MSTR_I2C_DATA MSTR_I2C_DATA MSTR_I2C_DATA Note: The default PFx pin functions can be overridden with additional configuration by modification of the pin mux registers. These changes can be made during the SMBus configuration stage, by programming to OTP memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave interface or USB commands to the internal Hub Feature Controller Device. TABLE 3-5: PF[31:2] FUNCTION ASSIGNMENT (CONTINUED) Pin Configuration 1 (SMBus/I2C) Configuration 2 (I2S) Configuration 3 (UART) Configuration 4 (GPIO & FlexConnect) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |